Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CK-2125-R68MTK Datasheet(PDF) 7 Page - Kemet Corporation

Part # CK-2125-R68MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R68MTK Datasheet(HTML) 7 Page - Kemet Corporation

Back Button CK-2125-R68MTK Datasheet HTML 3Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 4Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 5Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 6Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 7Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 8Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 9Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 10Page - Kemet Corporation CK-2125-R68MTK Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
7
1007 Case Size High Current Type (LB C2518 Series)
1007 Case Size Low RDC Type (LB R2518 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBC2518-T1R0MK
1.0
±20%
100
0.08
775
7.96
2,000
LBC2518-T1R5MK
1.5
±20%
80
0.11
660
7.96
2,000
LBC2518-T2R2MK
2.2
±20%
68
0.13
600
7.96
2,000
LBC2518-T3R3MK
3.3
±20%
54
0.16
500
7.96
2,000
LBC2518-T4R7MK
4.7
±20%
41
0.20
430
7.96
2,000
LBC2518-T6R8MK
6.8
±20%
38
0.30
360
7.96
2,000
LBC2518-T100MK
10
±20%
30
0.36
300
2.52
2,000
LBC2518-T150MK
15
±20%
23
0.65
250
2.52
2,000
LBC2518-T220MK
22
±20%
19
0.77
210
2.52
2,000
LBC2518-T330MK
33
±20%
15
1.50
170
2.52
2,000
LBC2518-T470MK
47
±20%
12
1.90
150
2.52
2,000
LBC2518-T680MK
68
±20%
9.5
2.80
120
2.52
2,000
LBC2518-T101MK
100
±20%
9.0
3.70
100
0.796
2,000
LBC25I8-T151MK
150
±20%
7.0
6.10
85
0.796
2,000
LBC2518-T221MK
220
±20%
5.5
8.40
70
0.796
2,000
LBC2518-T331MK
330
±20%
4.5
12.30
60
0.796
2,000
LBC2518-T471MK
470
±20%
3.5
22.00
45
0.796
2,000
LBC2518-T681MK
680
±20%
3.0
28.00
35
0.796
2,000
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBR2518-T1R0MK
1.0
±20%
100
0.045
400
7.96
2,000
LBR25I8-T2R2MK
2.2
±20%
68
0.07
280
7.96
2,000
LBR2518-T4R7MK
4.7
±20%
45
0.1
200
7.96
2,000
LBR2518-T100MK
10
±20%
30
0.19
180
2.52
2,000
LBR2518-T220MK
22
±20%
19
0.44
120
2.52
2,000
LBR2518-T470MK
47
±20%
11
0.84
95
2.52
2,000
LBR2518-T101MK
100
±20%
9
1.89
75
0.796
2,000
0805 Case Size Low RDC Type (LB R2012 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBR2012-T1R0MK
1.0
±20%
100
0.07
200
7.96
3,000
LBR2012-T2R2MK
2.2
±20%
80
0.13
175
7.96
3,000
LBR20I2-T4R7MK
4.7
±20%
45
0.24
150
7.96
3,000
LBR2012-T100MK
10
±20%.
32
0.36
125
2.52
3,000
LBR2012-T220MK
22
±20%
16
1.00
100
2.52
3,000
LBR2012-T470MK
47
±20%
I 1
1.70
75
2.52
3,000
LBR2012-T101MK
100
±20%
8
4.00
50
0.796
3,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com