Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3576 Datasheet(PDF) 3 Page - EPCOS

Part # B3576
Description  SAW Components Low-loss Filter 315,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3576 Datasheet(HTML) 3 Page - EPCOS

  B3576 Datasheet HTML 1Page - EPCOS B3576 Datasheet HTML 2Page - EPCOS B3576 Datasheet HTML 3Page - EPCOS B3576 Datasheet HTML 4Page - EPCOS B3576 Datasheet HTML 5Page - EPCOS B3576 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 09, 2001
SAW Components
B3576
315,00 MHz
Low Loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = -45 ... 95 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1)Temperature dependance of fC: fC(TA) = fC(T0) (1 + TCf(TA - T0)2)
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
315,00
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
314,90 ... 315,10 MHz
3,3
4,8
dB
(including loss in matching coils)
Amplitude ripple (p-p)
314,92 ... 315,08 MHz
0,7
2,0
dB
314,90 ... 315,10 MHz
1,0
3,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 230,00 MHz
65
70
dB
230,00 ... 290,00 MHz
40
45
dB
290,00 ... 310,00 MHz
50
55
dB
310,00 ... 314,10 MHz
42
47
dB
315,90 ... 317,00 MHz
21
26
dB
317,00 ... 322,00 MHz
38
43
dB
322,00 ...1000,00 MHz
55
60
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
470 || 2,0
Ω || pF
Output:
ZOUT = ROUT || COUT
470 || 2,0
Ω || pF
Temperature coefficient of frequency 1)
TCf
-0,03
ppm/K2
Frequency inversion point
T0
10—40
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com