Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3643 Datasheet(PDF) 3 Page - EPCOS

Part # B3643
Description  SAW Components Low-loss Filter 371,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3643 Datasheet(HTML) 3 Page - EPCOS

  B3643 Datasheet HTML 1Page - EPCOS B3643 Datasheet HTML 2Page - EPCOS B3643 Datasheet HTML 3Page - EPCOS B3643 Datasheet HTML 4Page - EPCOS B3643 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Apr 04, 2001
SAW Components
B3643
371,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -20 .. +60 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Temperature dependance of fC:
fC(TA) = fC(T0)(1 + TCf(TA - T0)2)
Matching network (Element values depend upon PCB layout)
Cp1 = 15 pF
Ls2 = 27 nH
Ls3 = 22 nH
Cp4 = 15 pF
min.
typ.
max.
Nominal frequency
fN
371,0
MHz
Insertion attenuation at
fN
α
N
10
11,5
dB
Pass bandwidth
α
rel < 1 dB
B1dB
1,3
1,6
MHz
α
rel < 3 dB
B3dB
2,0
2,5
MHz
Amplitude ripple (p-p)
∆α
fN - 0,5 MHz ... fN + 0,5 MHz
0,3
1,0
dB
Amplitude slope in passband
0,0
±0,5
dB
Group delay ripple (p-p)
∆τ
fN - 0,65 MHz ... fN + 0,65 MHz
80
120
ns
fN - 1,00 MHz ... fN + 1,00 MHz
90
ns
Relative attenuation (relative to
α
N)
α
rel
fN - 50 MHz ... fN - 15 MHz
45
60
dB
fN - 15 MHz ... fN - 5 MHz
40
55
dB
fN + 5 MHz ... fN + 25 MHz
40
45
dB
fN + 25 MHz ... fN + 50 MHz
45
50
dB
Temperature coefficient of frequency 1)
TCf
-0,036
ppm/K2
Turnover temperature
T0
—16
˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com