Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3668 Datasheet(PDF) 3 Page - EPCOS

Part # B3668
Description  SAW Components Low-loss Filter 1950 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3668 Datasheet(HTML) 3 Page - EPCOS

  B3668 Datasheet HTML 1Page - EPCOS B3668 Datasheet HTML 2Page - EPCOS B3668 Datasheet HTML 3Page - EPCOS B3668 Datasheet HTML 4Page - EPCOS B3668 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jun 14, 2006
SAW Components
B3668
1950 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA =
-30 ... +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL
=50
*) min. 15 dB (T > 45 ˚C)
min.
typ.
max.
Nominal frequency
fN
1950,0
MHz
Maximum insertion attenuation
α
max
1920,0 ... 1980,0 MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
1920,0 ... 1980,0 MHz
1,5
2,1
dB
Return loss
1920,0 ... 1980,0 MHz
8,0
10,0
dB
Attenuation
α
50,0 ... 1400,0 MHz
22,0
25,0
dB
1400,0 ... 1495,0 MHz
25,0
28,0
dB
1495,0 ... 1700,0 MHz
28,0
31,0
dB
1700,0 ... 1870,0 MHz
30,0
34,0
dB
1870,0 ... 1880,0 MHz
20,0 *)
30,0
dB
2000,0 ... 2015,0 MHz
3,5
6,0
dB
2015,0 ... 2030,0 MHz
8,0
20,0
dB
2030,0 ... 2050,0 MHz
35,0
45,0
dB
2050,0 ... 2080,0 MHz
33,0
37,0
dB
2080,0 ... 2170,0 MHz
30,0
34,0
dB
2170,0 ... 5000,0 MHz
25,0
30,0
dB
5000,0 ... 5800,0 MHz
10,0
12,0
dB
5800,0 ... 6000,0 MHz
8,0
10,0
dB
Temperature coefficient of frequency
TCf
-35
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com