Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3671 Datasheet(PDF) 3 Page - EPCOS

Part # B3671
Description  SAW Components Low-Loss Filter 204,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3671 Datasheet(HTML) 3 Page - EPCOS

  B3671 Datasheet HTML 1Page - EPCOS B3671 Datasheet HTML 2Page - EPCOS B3671 Datasheet HTML 3Page - EPCOS B3671 Datasheet HTML 4Page - EPCOS B3671 Datasheet HTML 5Page - EPCOS B3671 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 29, 2000
SAW Components
B3671
204,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 .. 70 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
204,0
MHz
Minimum insertion attenuation
α
min
9,0
10,0
dB
Pass bandwidth
α
rel
≤ 1,0 dB
B1dB
720
kHz
α
rel
≤ 3,0 dB
B3dB
1150
kHz
Amplitude ripple (p-p)
∆α
fN ± 250 kHz
0,5
1,0
dB
Absolute group delay
τ
@
fN
0,8
µs
Group delay ripple (p-p)
∆τ
fN ± 250 kHz
30
100
ns
Relative attenuation (relative to
α
min)
α
rel
fN − 10,0 MHz ... fN − 3,8 MHz
45
50
dB
fN − 3,8 MHz ... fN − 3,2 MHz
44
46
dB
fN − 3,2 MHz ... fN − 2,5 MHz
45
50
dB
fN + 2,5 MHz ... fN + 2,6 MHz
44
46
dB
fN + 2,6 MHz ... fN + 3,5 MHz
45
50
dB
fN + 3,5 MHz ... fN + 4,5 MHz
43
45
dB
fN + 4,5 MHz ... fN + 10,0 MHz
45
50
dB
Temperature coefficient of frequency 1)
TCf
–0,036
ppm/K2
Turnover temperature
T0
—35
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com