Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3711 Datasheet(PDF) 3 Page - EPCOS

Part # B3711
Description  SAW Components Low-Loss Filter 315,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3711 Datasheet(HTML) 3 Page - EPCOS

  B3711 Datasheet HTML 1Page - EPCOS B3711 Datasheet HTML 2Page - EPCOS B3711 Datasheet HTML 3Page - EPCOS B3711 Datasheet HTML 4Page - EPCOS B3711 Datasheet HTML 5Page - EPCOS B3711 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Feb 07, 2005
SAW Components
B3711
315,00 MHz
Low Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= –40 ... 85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
315,00
MHz
Maximum insertion attenuation
α
max
314,70 ... 315,30 MHz
1,7
2,5
dB
Amplitude ripple (p-p)
∆α
314,70 ... 315,30 MHz
0,4
1,2
dB
Input VSWR
314,70 ... 315,30 MHz
1,2
1,6
Output VSWR
314,70 ... 315,30 MHz
1,2
1,6
Relative attenuation (relative to
α
max)
α
rel
270,00 ... 286,00 MHz
55
60
dB
293,00 ... 293,90 MHz
53
58
dB
304,00 ... 304,60 MHz
48
53
dB
325,40 ... 326,00 MHz
24
31
dB
336,10 ... 337,00 MHz
36
41
dB
357,50 ... 358,70 MHz
50
55
dB
Temperature coefficient of frequency
TCf
-30
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com