Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3760 Datasheet(PDF) 3 Page - EPCOS

Part # B3760
Description  SAW Components Low-loss Filter 433,92 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3760 Datasheet(HTML) 3 Page - EPCOS

  B3760 Datasheet HTML 1Page - EPCOS B3760 Datasheet HTML 2Page - EPCOS B3760 Datasheet HTML 3Page - EPCOS B3760 Datasheet HTML 4Page - EPCOS B3760 Datasheet HTML 5Page - EPCOS B3760 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Nov 15, 2005
SAW Components
B3760
433,92 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = –40 ... +95˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
433,92
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
including loss in matching elements
(QL = 47)
1,9
2,6
dB
excluding loss in matching elements
1,6
2,3
dB
Pass band (relative to
α
min)
433,76 ... 434,08 MHz
0,5
2,0
dB
433,74 ... 434,10 MHz
0,7
3,0
dB
433,70 ... 434,14 MHz
1,0
6,0
dB
Pass bandwidth
α
rel≤ 3 dB
0,62
0,68
0,74
MHz
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 414,00 MHz
52
56
dB
414,00 ... 423,50 MHz
48
52
dB
423,50 ... 431,72 MHz
29
34
dB
431,72 ... 432,12 MHz
26
35
dB
432,12 ... 433,10 MHz
17
21
dB
434,92 ... 442,00 MHz
18
21
dB
442,00 ... 500,00 MHz
40
45
dB
500,00 ... 700,00 MHz
50
55
dB
700,00 ... 805,00 MHz
45
50
dB
805,00 ...1000,00 MHz
60
65
dB
Impedance for pass band matching 1)
Input:
ZIN
=
RIN
||
CIN
240 || 2,4
Ω || pF
Output:
ZOUT = ROUT || COUT
240 || 2,4
Ω || pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com