Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86VL3X Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT86VL3X
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL3X Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT86VL3X_07 Datasheet HTML 57Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 58Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 59Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 60Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 61Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 62Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 63Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 64Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 153 page
background image
XRT86VL3X
54
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
6.1.3
Cable Loss Indicator
The ability to monitor the cable loss attenuation of the receiver inputs is a valuable feature. The XRT86VL3x
contains a per channel, read only register for cable loss indication. CLOS[5:0] is a 6-Bit binary word that
reports the value of cable loss in 1dB steps with an absolute accuracy of ±1dB. An example of -25dB cable
loss attenuation is shown in Figure 57.
6.2
Receive Sensitivity
To meet Long Haul receive sensitivity requirements, the XRT86VL3x can accept T1/E1/J1 signals that have
been attenuated by 43dB cable attenuation in E1 mode or 36dB cable attenuation in T1 mode without
experiencing bit errors, LOF, pattern synchronization, etc. Short haul specifications are for 12dB of flat loss in
E1 mode. T1 specifications are 655 feet of cable loss along with 6dB of flat loss in T1 mode. The XRT86VL3x
can tolerate cable loss and flat loss beyond the industry specifications. The receive sensitivity in the short haul
mode is approximately 4,000 feet without experiencing bit errors, LOF, pattern synchronization, etc. Although
data integrity is maintained, the RLOS function (if enabled) will report an RLOS condition according to the
receiver loss of signal section in this datasheet. The test configuration for measuring the receive sensitivity is
shown in Figure .
FIGURE 56. SIMPLIFIED BLOCK DIAGRAM OF THE EQUALIZER AND PEAK DETECTOR
FIGURE 57. SIMPLIFIED BLOCK DIAGRAM OF THE CABLE LOSS INDICATOR
Peak
Detector &
Slicer
Rx Equalizer
Rx Equalizer
Control
RTIP
RRING
-25dB of Cable
Loss
Equalizer and
Peak Detector
CLOS[5:0] = 0x19h
(25dec = 19hex)
-25dB Attenuated
Signal
Read Only
XRT86VL3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com