Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86VL32 Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT86VL32_07 Datasheet HTML 57Page - Exar Corporation XRT86VL32_07 Datasheet HTML 58Page - Exar Corporation XRT86VL32_07 Datasheet HTML 59Page - Exar Corporation XRT86VL32_07 Datasheet HTML 60Page - Exar Corporation XRT86VL32_07 Datasheet HTML 61Page - Exar Corporation XRT86VL32_07 Datasheet HTML 62Page - Exar Corporation XRT86VL32_07 Datasheet HTML 63Page - Exar Corporation XRT86VL32_07 Datasheet HTML 64Page - Exar Corporation XRT86VL32_07 Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 174 page
background image
XRT86VL32
56
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
4
RxPRBSLock
RO
0
Lock Status
This READ ONLY bit field indicates whether or not the Receive or
Transmit PRBS lock has obtained. The exact function of this bit
depends on whether PRBS switch function is enabled or not. (bit 3
in register 0xn121).
If the PRBS Switch function is disabled, E1 receive framer will
declare LOCK if PRBS/QRTS has locked onto the input pattern.
If the PRBS Switch function is disabled, E1 transmit framer will
declare LOCK if PRBS/QRTS has locked onto the input pattern.
0 = Indicates the Receive PRBS/QRTS has not Locked onto the
input patterns.
1 = Indicates the Receive PRBS/QRTS has locked onto the input
patterns.
3
RxPRBSEnb
R/W
0
Receive PRBS Detection/Generation Enable
This bit enables or disables the receive PRBS/QRTS pattern detec-
tion or generation. The exact function of this bit depends on whether
PRBS switch function is enabled or not. (bit 3 in register 0xn121).
If the PRBS switch function is disabled and if this bit is enabled, E1
Receive Framer will detect the incoming PRBS/QRTS pattern from
the line side and declare PRBS/QRTS lock if incoming data locks
onto the PRBS/QRTS pattern.
If the PRBS switch function and this bit are both enabled, E1 Trans-
mit Framer will detect the incoming PRBS/QRTS pattern from the
transmit backplane interface and declare PRBS/QRTS lock if incom-
ing data locks onto the PRBS/QRTS pattern.
0 = Disables the Receive PRBS/QRTS pattern detection.
1 - Enables the Receive PRBS/QRTS pattern detection.
2
TxPRBSEnb
R/W
0
Transmit PRBS Generation Enable
This bit enables or disables the Transmit PRBS pattern generator.
The exact function of this bit depends on whether PRBS switch
function is enabled or not. (bit 3 in register 0xn121).
If PRBS switch function is disabled, E1 Transmit Framer will gener-
ate the PRBS 15 or QRTS pattern to the line side if this bit is
enabled.
If PRBS switch function is enabled, E1 Receive Framer will gener-
ate the PRBS 15 or QRTS pattern to the receive backplane interface
if this bit is enabled.
0 = Disables the Transmit PRBS/QRTS pattern generator.
1 - Enables the Transmit PRBS/QRTS pattern generator.
1
RxBypass
R/W
0
Receive Framer Bypass
This bit enables or disables the Receive E1 Framer bypass.
0 = Disables the Receive E1 framer Bypass.
1 - Enables the Receive E1 Framer Bypass
0
TxBypass
R/W
0
Transmit Framer Bypass
This bit enables or disables the Transmit E1 Framer bypass.
0 = Disables the Transmit E1 framer Bypass.
1 - Enables the Transmit E1 Framer Bypass
TABLE 34: PRBS CONTROL AND STATUS REGISTER 1 (PRBSCSR1)
HEX ADDRESS: 0XN123
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com