Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM40N40DF Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # RM40N40DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM40N40DF Datasheet(HTML) 4 Page - Rectron Semiconductor

  RM40N40DF Datasheet HTML 1Page - Rectron Semiconductor RM40N40DF Datasheet HTML 2Page - Rectron Semiconductor RM40N40DF Datasheet HTML 3Page - Rectron Semiconductor RM40N40DF Datasheet HTML 4Page - Rectron Semiconductor RM40N40DF Datasheet HTML 5Page - Rectron Semiconductor RM40N40DF Datasheet HTML 6Page - Rectron Semiconductor RM40N40DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 7. Capacitance Variation
Figure 8. Gate• to• Source vs. Total Charge
VDS, DRAIN• TO• SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE ( )
VSD, SOURCE• TO• DRAIN VOLTAGE (V)
Figure 11. Safe Operating Area
Figure 12. I PEAK vs. Time in Avalanche
VDS (V)
TIME IN AVALANCHE (s)
VGS = 0 V
TJ = 25 C
f = 1 MHz
CISS
COSS
CRSS
VDS = 20 V
ID = 20 A
TJ = 25 C
QGS
QGD
VGS = 4.5 V
VDS = 20 V
ID = 20 A
td(off)
td(on)
tf
tr
TJ = 25 C
TJ = • 55 C
TJ (initial) = 100 C
TJ (initial) = 25 C
RDS(on) Limit
Thermal Limit
Package Limit
500 s
1 ms
10 ms
TC = 25 C
VGS 10 V
Single Pulse
1.E+00
0
1020
3040
0
2
4
6
8
10
04
6
8
QT
1
10
1
10
100
0.001
10
0.2
0.4
0.6
0.8
1.0
1.2
1000
1
10
100
0.1
100
10
1
0.1
0.1
10
100
1E• 4
1E• 3
1E• 2
515
25
35
1
5
1
3
5
7
9
100
0
TJ = 125 C
VGS = 0 V
23
7
100
0.01
1
0.1
1.E+01
1.E+02
1.E+03
1
RATING AND CHARACTERISTICS CURVES (RM40N40DF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com