Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2307 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2307
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2307 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2307 Datasheet HTML 3Page - Monolithic Power Systems MP2307 Datasheet HTML 4Page - Monolithic Power Systems MP2307 Datasheet HTML 5Page - Monolithic Power Systems MP2307 Datasheet HTML 6Page - Monolithic Power Systems MP2307 Datasheet HTML 7Page - Monolithic Power Systems MP2307 Datasheet HTML 8Page - Monolithic Power Systems MP2307 Datasheet HTML 9Page - Monolithic Power Systems MP2307 Datasheet HTML 10Page - Monolithic Power Systems MP2307 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP2307 – 3A, 23V, 340KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP2307 Rev. 1.7
www.MonolithicPower.com
7
3/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
APPLICATIONS INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider connected from the output
voltage to FB. The voltage divider divides the
output voltage down to the feedback voltage by
the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Thus the output voltage is:
2
R
2
R
1
R
925
.
0
VOUT
+
×
=
R2 can be as high as 100kΩ, but a typical value
is 10kΩ. Using the typical value for R2, R1 is
determined by:
)
925
.
0
V
(
81
.
10
1
R
OUT −
×
=
(kΩ)
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 26.1kΩ. Table 1 lists
recommended resistance values of R1 and R2
for standard output voltages.
Table 1—Recommended Resistance Values
VOUT
R1
R2
1.8V
9.53kΩ
10kΩ
2.5V
16.9kΩ
10kΩ
3.3V
26.1kΩ
10kΩ
5V
44.2kΩ
10kΩ
12V
121kΩ
10kΩ
Inductor
The inductor is required to supply constant
current to the load while being driven by the
switched input voltage. A larger value inductor
will result in less ripple current that will in turn
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current. A good rule for
determining inductance is to allow the peak-to-
peak ripple current to be approximately 30% of
the maximum switch current limit. Also, make
sure that the peak inductor current is below the
maximum switch current limit.
The inductance value can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
∆
×
=
IN
OUT
L
S
OUT
V
V
1
I
f
V
L
Where VOUT is the output voltage, VIN is the
input voltage, fS is the switching frequency, and
∆IL is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current, calculated
by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
L
f
2
V
I
I
Where ILOAD is the load current.
The choice of which style inductor to use mainly
depends on the price vs. size requirements and
any EMI constraints.
Optional Schottky Diode
During the transition between the high-side
switch and low-side switch, the body diode of
the low-side power MOSFET conducts the
inductor current. The forward voltage of this
body diode is high. An optional Schottky diode
may be paralleled between the SW pin and
GND pin to improve overall efficiency. Table 2
lists example Schottky diodes and their
Manufacturers.
Table 2—Diode Selection Guide
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes, Inc.
SK13
30V, 1A
Diodes, Inc.
MBRS130
30V, 1A
International
Rectifier
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current while maintaining the
DC input voltage. Use low ESR capacitors for
the best performance. Ceramic capacitors are
preferred, but tantalum or low-ESR electrolytic
capacitors will also suffice. Choose X5R or
X7R dielectrics when using ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com