Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9025 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA9025
Description  900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9025 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA9025 Datasheet HTML 15Page - NXP Semiconductors SA9025 Datasheet HTML 16Page - NXP Semiconductors SA9025 Datasheet HTML 17Page - NXP Semiconductors SA9025 Datasheet HTML 18Page - NXP Semiconductors SA9025 Datasheet HTML 19Page - NXP Semiconductors SA9025 Datasheet HTML 20Page - NXP Semiconductors SA9025 Datasheet HTML 21Page - NXP Semiconductors SA9025 Datasheet HTML 22Page - NXP Semiconductors SA9025 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Philips Semiconductors
Objective specification
SA9025
900 MHz transmit modulator and 2.2 GHz
fractional–N synthesizer
1997 Aug 01
21
synthesizer. While in standby mode, the lock detect signal will be
forced to a valid lock state so that the lock detect signal will indicate
when the main and auxiliary phase detectors have achieved phase
lock.
Divide by M
The
÷M is a 2-bit programmable divider which can be configured for
ney integer divide from 6 to 9. The divider is used to convert the
VCO output down to the reference frequency before feeding it into
the phase comparator.
VCO
This oscillator is used to generate the transmit IF frequency between
90MHz and 180MHz. The VCO tank is configured using a parallel
inductor tuning varactor diode. DC blocking capacitors are used to
isolate the varactor control voltage from the VCO tank DC bias
voltages.
SSB Up-converter and TXIF Buffer
The TXIF buffer provides isolation between the SSB Up-converter
and the VCO output. The Single Sideband Up-converter (SSB) is
an active Gilbert cell multiplier (matched pair), combined with two
quadrature phase shift networks and a low pass filter. The SSB
up-converter is used to reject the unwanted upper sideband that
would normally occur during the up-conversion process.
I/Q Modulator
The quadrature modulator is an active Gilbert cell multiplier
(matched pair) with cross coupled outputs. These outputs are then
provided to the variable gain amplifier. When the in-phase input I =
cos (
ωt) and the quadrature-phase input Q = sin (ωt) (i.e., Q lags I
by 90
°), the resulting output should be upper single sideband.
Variable Gain Amplifiers
The variable gain amplifiers are used to control the output level of
the device, with a power control range of 45.9dB. The output stages
are differential, matched from 200
Ω to 50Ω.
Power Control
The power control range should be greater than or equal to 45.9dB,
having a monotonically decreasing slope, with 0dB = +11.5 dBm
nominal. Eight bits are available for power control programming.
The top 6 bits (PC7 to PC2) provide coarse attenuation with .6dB
step size accuracy. The bottom 2 bits provide fine attenuation with
.18 dB step size accuracy.
SR01453
MAXIMUM ACCUMULATED ERROR
(NOT TO SCALE)
TOP 12 dB FINE STEP ACURACY
BOTTOM 25 dB COARSE STEP AC-
CURACY
+11.5
–3
–15
–26
–28
0
12
24
38
45.9
VGA SETTING (dB)
Figure 11.
Power Control
Oscillator Buffers
There are three buffers for the reference signal, two of which are
used to provide external reference signals. The internal reference
signal is used for the main and auxiliary synthesizer reference. The
second buffer (MCLK) is used as a master clock for external digital
circuitry which is always on, while the third buffer (RCLK) is used as
a clock for external digital circuitry which is not used in sleep mode.
LO Buffers
The LO buffers are used to provide isolation for the VCO and
between the transmitter up-converter and channel synthesizer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com