Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9503 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA9503 Datasheet HTML 1Page - NXP Semiconductors SA9503 Datasheet HTML 2Page - NXP Semiconductors SA9503 Datasheet HTML 3Page - NXP Semiconductors SA9503 Datasheet HTML 4Page - NXP Semiconductors SA9503 Datasheet HTML 5Page - NXP Semiconductors SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
2
1999 Jul 29
DESCRIPTION
The SA9503 is an integrated CDMA/AMPS low noise amplifier
(LNA) plus a downconverter, for both the 900 MHz Cellular band and
the 1.9 GHz PCS band. The LNA incorporates 5 settings of digitally
selected stepped gain in the Cellular band and in the PCS band.
One of the modes (high linearity mode) in each of the Cellular and
PCS bands, includes a high IP3 setting in order to meet the 1-tone
CDMA desensitization test. The gain, noise figure and IP3 for the
remaining 4 low current modes in the Cellular band, are designed in
order to have sufficient separation between the antenna power
levels at which the LNA gains are changed, based on multi-tone
interference levels. A 3 dB overlap is allowed in the antenna power
levels for the adjacent modes. Table 1 indicates a typical scenario.
The downconverter portion is based on our SA9502 and is designed
to meet all the stringent spurious rejections that are required in the
Cellular and PCS bands. There are three individual mixer blocks,
each optimized for high linearity with low power consumption for
operation in one of the following modes: 1900 MHz PCS CDMA,
800 MHz Cellular CDMA, or 800 MHz analog FM AMPS/TACS
modes.
The circuit has been designed in our advanced QUBiC3 BiCMOS
process with 30 GHz fT.
FEATURES
Versatile step gain LNA
Can meet single tone CDMA desensitization requirements
Can meet CDMA two tone interference requirements
Cellular
PARAMETER
MODE
PARAMETER
CEL_L
CEL_1
CEL_2
CEL_3
CEL_4
Gain (dB)
17
15.5
9
3
–4
Noise figure (dB)
2
1.6
1.9
4.5
11
Input IP3 (dBm)
5.5
–2
–3.5
2
15
Current (mA)
13.2
4.9
4.9
4.9
3.7
PCS
PARAMETER
MODE
PARAMETER
PCS_L
PCS_1
PCS_2
PCS_3
PCS_4
Gain (dB)
15.2
14.3
8
2
–4.5
Noise figure (dB)
2.5
2
2.5
3.7
11.5
Input IP3 (dBm)
4.5
1
–2
–1
16
Current (mA)
13.3
5.9
5.9
5.9
3.7
Downconverter typical performance
PARAMETER
Cellular FM
Cellular CDMA
PCS CDMA
Gain (dB)
7.5
11.5
12.5
Noise Figure (dB)
10
9
9
Input IP3 (dBm)
5
3.5
4
Current (mA)
(Tx) LO output
buffer off
6.8
13
16
Separate, selectable IF outputs to suit FM and CDMA bandwidths
Buffered Cellular and PCS LO inputs
Integrated frequency doubler for PCS mixer LO
Differential (Tx) LO output buffer (can be switched on or off)
Low voltage operation down to 2.7 volts
Mixers current consumption with (Tx) LO buffer on:
– Cellular FM: 16.8 mA
– Cellular CDMA: 23 mA
– PCS: 26 mA
Low standby current in sleep mode: <50 µA
BCC32++™ package
APPLICATIONS
800 MHz analog FM and CDMA digital receivers
1900 MHz PCS band CDMA digital receivers
Supports dual-band and triple-mode operation
Digital mobile communications equipment
Portable, low power radio equipment
BCC32++ is a trademark of Fujitsu Microelectronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com