Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4063 Datasheet(PDF) 3 Page - EPCOS

Part # B4063
Description  SAW Components Low-Loss Duplexer for Mobile Communication 926,25 / 903,75 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4063 Datasheet(HTML) 3 Page - EPCOS

  B4063 Datasheet HTML 1Page - EPCOS B4063 Datasheet HTML 2Page - EPCOS B4063 Datasheet HTML 3Page - EPCOS B4063 Datasheet HTML 4Page - EPCOS B4063 Datasheet HTML 5Page - EPCOS B4063 Datasheet HTML 6Page - EPCOS B4063 Datasheet HTML 7Page - EPCOS B4063 Datasheet HTML 8Page - EPCOS B4063 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
25 Sep 2001
SAW Components
B4063
926,25 / 903,75 MHz
Low-Loss Duplexer for Mobile Communication
Data Sheet
Characteristics Tx - Ant
Operable temperature range
TA
= –10 to 55 ˚C
Ant term. impedance
ZAnt
= 50
Ω
Port 1 term. impedance
ZPort 1 = 50 Ω
Port 2 term. impedance
ZPort 2 = 50 Ω
min.
typ.
max.
Center frequency
fc
—
926,25
—
MHz
Maximum insertion attenuation
α
max
924,40 ... 928,10 MHz
—
3,0
3,6
dB
Amplitude ripple (p-p)
∆α
924,40 ... 928,10 MHz
—
0,4
1,5
dB
Absolute attenuation
α
450,00 ... 906,20 MHz
30
34
—
dB
946,30 ... 970,00 MHz
25
31
—
dB
970,00 ... 3500,00 MHz
30
39
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com