Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4864 Datasheet(PDF) 5 Page - EPCOS

Part # B4864
Description  SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4864 Datasheet(HTML) 5 Page - EPCOS

  B4864 Datasheet HTML 1Page - EPCOS B4864 Datasheet HTML 2Page - EPCOS B4864 Datasheet HTML 3Page - EPCOS B4864 Datasheet HTML 4Page - EPCOS B4864 Datasheet HTML 5Page - EPCOS B4864 Datasheet HTML 6Page - EPCOS B4864 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
July 25, 2001
SAW Components
B4864
183,60 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Recommended pin configurations / test matching networks:
a) single-ended 50
Ω / single-ended 50Ω
b) single-ended 50
Ω / balanced 50Ω
Input : Pin 10
Output : Pin 5
Ls1 = 100 nH
Cp2 = 3,9 pF
Cp3 = 3,9 pF
Ls4 = 100 nH
Input : Pin 10
Output : Pins 5 and 4
Ls1 =100 nH
Cp1 = 3,9 pF
Cp2 = 3,9 pF
Ls2 =39 / 47 nH
Note :
The balanced network is realized using TOKO 1:1 balun B5FL. The insertion attenuation of a
balun is 0.3 dB at 183.6 MHz. The loss of the balun is not included in the specified filter insertion
attenuation.
The level of ultimate suppression may be limited by electromagnetic feedthrough depending on
the layout of the pcb and the arrangement of the matching components.
The above mentioned characteristics can be realized either in balanced or in unbalanced mode
of operation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com