Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4959 Datasheet(PDF) 2 Page - EPCOS

Part # B4959
Description  SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4959 Datasheet(HTML) 2 Page - EPCOS

  B4959 Datasheet HTML 1Page - EPCOS B4959 Datasheet HTML 2Page - EPCOS B4959 Datasheet HTML 3Page - EPCOS B4959 Datasheet HTML 4Page - EPCOS B4959 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jan 20, 2004
SAW Components
B4959
128,1 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
SMD ceramic package QCC12C
Dimensions in mm, approx. weight 0,155 g
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
000
000
111
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
side view
7,0
top view
2,54
2
8
0,6
3
1
7
bottom view
9
Features
s
IF filter for mobile telephone
s
Channel selection in CDMA systems
s
Balanced or unbalanced
s
High rejection, very small size
s
Low amplitude ripple
s
Package for Surface Mounted Technology (SMT)
s
Filter surface passivated
Terminals
s
Ni, gold plated
Pin configuration
6
Input
4
Balanced input or ground
12
Balanced output
10
Balanced output
1, 2, 3, 7, 8, 9
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4959
B39131-B4959-H310
C61157-A7-A95
F61074-V8170-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
Source power
Ps
10
dBm
10
12
2,8
6
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com