Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8802 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8802
Description  Low Dropout 250mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8802 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8802 Datasheet HTML 1Page - Monolithic Power Systems MP8802 Datasheet HTML 2Page - Monolithic Power Systems MP8802 Datasheet HTML 3Page - Monolithic Power Systems MP8802 Datasheet HTML 4Page - Monolithic Power Systems MP8802 Datasheet HTML 5Page - Monolithic Power Systems MP8802 Datasheet HTML 6Page - Monolithic Power Systems MP8802 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP8802 – LOW DROPOUT, 250mA LINEAR REGULATOR
MP8802 Rev. 1.3
www.MonolithicPower.com
5
3/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
APPLICATION INFORMATION
SETTING THE OUTPUT VOLTAGE
The fixed output voltage of the MP8802DJ is set
to 2.5V, 2.85V or 3.3V, depending on the
internal resistor divider (Figure 1). You can also
adjust the output voltage by using an external
resistor divider (R1 and R2 in Figure 2).
However, the sum of R1 and R2 should not
exceed 100kΩ to minimize the impact of the
internal resistor divider. For accurate output-
voltage setting, it is suggested to use 10kΩ
(
±1%) for the low-side resistor R2 of the voltage
divider, the high side resistor R1 can be
determined by the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
FB
FB
OUT
V
V
V
2
R
1
R
Where VFB is the OUT feedback threshold
voltage equal to 1.222V.
Example: For 2.5V Output
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
−
=
k
41
.
10
k
10
V
222
.
1
V
222
.
1
V
5
.
2
1
R
You can select a standard 10.5kΩ (
±1%)
resistor for R1.
The following table lists the selected R1 values
for some typical output voltages:
Table 1—Adjustable Output Voltage R1 Values
VOUT (V)
R1 (Ω)
1.25
232
1.5
2.26k
1.8
4.75k
2
6.34k
2.5
10.5k
2.8
13k
3
14.7k
3.3
16.9k
4
22.6k
5
30.9k
In Figures 3 and 4, C2 is added for an improved
transient response.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com