Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XR68C192IV Datasheet(PDF) 2 Page - Exar Corporation

Part # XR68C192IV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192IV Datasheet(HTML) 2 Page - Exar Corporation

  XR68C192IV Datasheet HTML 1Page - Exar Corporation XR68C192IV Datasheet HTML 2Page - Exar Corporation XR68C192IV Datasheet HTML 3Page - Exar Corporation XR68C192IV Datasheet HTML 4Page - Exar Corporation XR68C192IV Datasheet HTML 5Page - Exar Corporation XR68C192IV Datasheet HTML 6Page - Exar Corporation XR68C192IV Datasheet HTML 7Page - Exar Corporation XR68C192IV Datasheet HTML 8Page - Exar Corporation XR68C192IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
XR68C92/192
2
Rev. 1.33
40 Pin DIP Package
Package Description
44 Pin LQFP Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A0
IP3
A1
IP1
A2
A3
IP0
R/-W
-DTACK
RXB
TXB
OP1
OP3
OP5
OP7
D1
D3
D5
D7
GND
VCC
IP4
IP5
-IACK
IP2
-CS
-RESET
XTAL2
XTAL1
RXA
TXA
OP0
OP2
OP4
OP6
D0
D2
D4
D6
-INT
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
A3
IP0
R/-W
-DTACK
RXB
TXB
OP1
OP3
OP5
OP7
N.C.
-CS
-RESET
XTAL2
XTAL1
RXA
TXA
OP0
OP2
OP4
OP6
N.C.
XR68C92
XR68C192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com