Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA2520 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA2520
Description  Stereo filter and codec for MPEG layer 1 audio applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2520 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA2520 Datasheet HTML 17Page - NXP Semiconductors SAA2520 Datasheet HTML 18Page - NXP Semiconductors SAA2520 Datasheet HTML 19Page - NXP Semiconductors SAA2520 Datasheet HTML 20Page - NXP Semiconductors SAA2520 Datasheet HTML 21Page - NXP Semiconductors SAA2520 Datasheet HTML 22Page - NXP Semiconductors SAA2520 Datasheet HTML 23Page - NXP Semiconductors SAA2520 Datasheet HTML 24Page - NXP Semiconductors SAA2520 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
August 1993
21
Philips Semiconductors
Preliminary specification
Stereo filter and codec for MPEG layer 1
audio applications
SAA2520
Microcontroller interface
The SAA2520 has an interface connection to the serial interface of a microcontroller. The following signals are used:
LTCLK
input
bit clock
LTDATA
bi-directional
serial data
LTCNT0
input
control line 0
LTCNT1
input
control line 1
LTENA
input
enable
The SAA2520 microcontroller interface is enabled only if
LTENA (pin 34) is logic 1. Information to or from the
SAA2520 is conveyed in serial 8 or 16-bit units, whilst the
type of information is controlled by LTCNT0 (pin 35) and
LTCNT1 (pin 36).
A transfer commences when the microcontroller sets the
control lines to the correct combination for the required
action. LTENA is set to logic 1. The SAA2520 determines
its required action and prepares to transfer data. When the
microcontroller supplies the LTCLK, data is transferred to
or from the SAA2520 in units of 8-bits. 16-bit transfers are
conveyed as two 8-bit units during which LTENA remains
high.
During the transfer of 8-bit units, the least significant bit is
first to be transferred. When 16-bit units are transferred the
most significant byte is sent first.
EXTENDED SETTINGS (LTCNT1 = 0, LTCNT0 = 0)
Four information bits together with four address bits are
transferred in this mode. The order in which the bits appear
on the interface is:
D0..D1..D2..D3..A0..A1..A2..A3
Table 4
Extended Settings.
Table 5
Extended Settings.
Note
If not used for DAC control, the MUTEDAC, ATTDAC and DEEMDAC can be used as general purpose output expanders.
BIT
A3
BIT
A2
BIT
A1
BIT
A0
DESCRIPTION
0
0
0
0
CODEC external settings (see Table 5)
0
0
0
1
FILTER settings (see note 1)
0
0
1
0
not used
..
..
..
..
..
1
1
1
1
not used
BIT
DESIGNATION
DEFAULT
FUNCTION
D0
MUTEDAC
1
connected to DAC mute input
D1
ATTDAC
0
connected to DAC attenuation input
D2
DEEMDAC
0
emphasis control for DAC circuit
D3
HOLDCLKOK
0
selects CLKOK hold mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com