Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B7744 Datasheet(PDF) 2 Page - EPCOS

Part # B7744
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7744 Datasheet(HTML) 2 Page - EPCOS

  B7744 Datasheet HTML 1Page - EPCOS B7744 Datasheet HTML 2Page - EPCOS B7744 Datasheet HTML 3Page - EPCOS B7744 Datasheet HTML 4Page - EPCOS B7744 Datasheet HTML 5Page - EPCOS B7744 Datasheet HTML 6Page - EPCOS B7744 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Aug 07, 2003
SAW Components
B7744
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCS4D
0,1
0,7
2,5
12
4
3
Features
s
Low-loss RF filter for mobile telephone
PCN systems, receive path
s
Low amplitude ripple
s
Usable passband 75 MHz
s
No matching network required for operation
at 50
Ω
s
Suitable for GPRS class 1 to 12
s
Package for Surface Mounted Technology
(SMT)
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,012 g
Pin configuration
1
Input
3
Output
2, 4
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7744
B39182-B7744-C810
C61157-A7-A89
F61074-V8153-Z000
Operable temperature range
T
– 10 / + 80
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
50
V
Input power at
GSM850, GSM900
GSM1800, GSM1900
Tx bands
PIN
PIN
15
12
dBm
dBm
peak power of GSM signal
duty cycle 4:8
2
3
1
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com