Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUM60UFSMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SUM60UFSMS
Description  400 mA 6,000 thru 9,000 VOLTS 60 ns ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SUM60UFSMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SUM60UFSMS Datasheet HTML 1Page - Solid States Devices, Inc SUM60UFSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SUM
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
└
Voltage/Family
60UF = 6,000V
70UF = 7,000V
80UF = 8,000V
90UF = 9,000V
SUM60UF thru SUM90UF
and
SUM60UFSMS thru SUM90UFSMS
400 mA
6,000 thru 9,000 VOLTS
60 ns ULTRA FAST RECOVERY
RECTIFIER
FEATURES:
•
PIV to 9,000 Volts
•
Hermetically Sealed Axial and Square Tab
Surface Mount Package
•
Ultra Fast Recovery 60 nsec Maximum
4/
•
Void Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
TX, TXV, and S-Level Screening Available
2/
• Also Available in Fast Versions, Consult Factory
MAXIMUM RATINGS 3/ 6/
RATING
SYMBOL
VALUE
UNIT
Peak Inverse Voltage
SUM60UF and SUM60UFSMS
SUM70UF and SUM70UFSMS
SUM80UF and SUM80UFSMS
SUM90UF and SUM90UFSMS
PIV
6000
7000
8000
9000
Volts
Average Rectified Current
TA = 25°C
TA = 100°C
IO1
IO2
400
250
mA
Surge Current (1 Cycle)
IFSM
25
Amps
Operating & Storage Temperature 5/
TJ and
TSTG
-65 to +175
°C
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
5/ Maximum lead/end temperature for soldering is 250°C, 3/8” from case for 5 sec.
maximum.
Axial Leaded
SMS
6/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable dielectric material.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0039C
DOC


Similar Part No. - SUM60UFSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SUM60UFSMS SSDI-SUM60UFSMS Datasheet
113Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SUM60UFSMS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1U-01 CENTRAL-CMR1U-01 Datasheet
118Kb / 2P
ULTRA FAST RECOVERY RECTIFIER 1.0 AMP,100 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M Datasheet
86Kb / 2P
ULTRA FAST RECOVERY RECTIFIER 1.0 AMP, 100 THRU 600 VOLTS
CMR2U-01 CENTRAL-CMR2U-01 Datasheet
253Kb / 2P
ULTRA FAST RECOVERY RECTIFIER 2.0 AMP, 100 THRU 600 VOLTS
CMR3U-01 CENTRAL-CMR3U-01 Datasheet
116Kb / 2P
ULTRA FAST RECOVERY RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Solid States Devices, I...
SUM60F SSDI-SUM60F Datasheet
147Kb / 2P
500 mA 6,000 thru 9,000 VOLTS 180 ns FAST RECOVERY RECTIFIER
SPD6627 SSDI-SPD6627 Datasheet
99Kb / 2P
4 AMPS, 400 thru 600 VOLTS 30 nsec HYPER FAST RECOVERY RECTIFIER
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
100 amps ultra fast recovery rectifier 400-1000 volts
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188 Datasheet
289Kb / 2P
FAST RECOVERY, GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 400 THRU 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com