Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP317V-L Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP317V-L
Description  3-Terminal 1 Amp Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317V-L Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP317V-L Datasheet HTML 5Page - Sipex Corporation SP317V-L Datasheet HTML 6Page - Sipex Corporation SP317V-L Datasheet HTML 7Page - Sipex Corporation SP317V-L Datasheet HTML 8Page - Sipex Corporation SP317V-L Datasheet HTML 9Page - Sipex Corporation SP317V-L Datasheet HTML 10Page - Sipex Corporation SP317V-L Datasheet HTML 11Page - Sipex Corporation SP317V-L Datasheet HTML 12Page - Sipex Corporation SP317V-L Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image

Date: 7/27/06 Rev F
SP37 3-Terminal Amp Adjustable Voltage Regulator
© 2006 Sipex Corporation
Mechanical Dimensions (continued)
Unit: mm(inch)

7
0.020(0.00)
0.60(0.0)
2.20(0.0)
0.70(0.030)
0.60(0.02)
.230(0.206)
6.30(0.2)
2.0(0.06)
0.600(0.02)



0.00(0.06)
0.0(0.020)
0.0(0.0)
.00(0.03)

6.60(0.263)
0.0(0.023)
2.30(0.0)
.30(0.2)
2.30(0.02)
2.20(0.0)
2.30(0.02)
0.70(0.03)
0.0(0.033)
.320(0.02)
0.0(0.02)
0.20(0.00)
2.0
3.0
2.0
3.0
TO-252
PAckAge: 3 Pin TO-252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com