Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2304 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2304 Datasheet HTML 1Page - RF Micro Devices RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices RF2304 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-201
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
GND
GND
GND
RF IN
GND
RF OUT
VDD
NC
2
1
4
3
7
8
5
6
RF2304
GENERAL PURPOSE LOW-NOISE AMPLIFIER
• Receive or Transmit Low-Noise Amplifiers
• FDD and TDD Communication Systems
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
• Wireless LAN
• ISM Band Applications
The RF2304 is a low-noise small-signal amplifier. The
device is manufactured on a low-cost Gallium Arsenide
MESFET process, and has been designed for use as a
gain block in high-end communication systems operating
from less than 300MHz to above 2.5GHz. With +6dBm
output power, it may also be used as a driver in transmit-
ter applications, or in highly linear receivers. The device is
packaged in an 8-lead plastic package and is self-con-
tained, requiring just an inductor and blocking capacitors
to operate. The +6dBm output power, combined with the
1.8dB noise figure at 900MHz allows excellent dynamic
range for a variety of receive and transmit applications.
• Single 2.7V to 6.0V Supply
• 6dBm Output Power
• 8dB Small Signal Gain at 900MHz
• 1.8dB Noise Figure at 900MHz
• Low DC Current Consumption of 5mA
• 300MHz to 2500MHz Operation
RF2304
General Purpose Low-Noise Amplifier
RF2304PCBA-41X Fully Assembled Evaluation Board
0
Rev A7 060908
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2304

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304PCBA RFMD-RF2304PCBA Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304PCBA-41X RFMD-RF2304PCBA-41X Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results

Similar Description - RF2304

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_1 Datasheet
347Kb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
General Purpose Low Noise Amplifier with Bypass Switch
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_13 Datasheet
661Kb / 11P
General purpose Low Noise Amplifier
2013-11-06
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
RF Micro Devices
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com