Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2312 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2312 Datasheet HTML 1Page - RF Micro Devices RF2312 Datasheet HTML 2Page - RF Micro Devices RF2312 Datasheet HTML 3Page - RF Micro Devices RF2312 Datasheet HTML 4Page - RF Micro Devices RF2312 Datasheet HTML 5Page - RF Micro Devices RF2312 Datasheet HTML 6Page - RF Micro Devices RF2312 Datasheet HTML 7Page - RF Micro Devices RF2312 Datasheet HTML 8Page - RF Micro Devices RF2312 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
4
GND
3
GND
2
GND
1
RF IN
8
RF OUT
7
GND
6
GND
5
GND
RF2312
LINEAR GENERAL PURPOSE AMPLIFIER
• CATV Distribution Amplifiers
• Cable Modems
• Broadband Gain Blocks
• Laser Diode Driver
• Return Channel Amplifier
• Base Stations
The RF2312 is a general purpose, low cost high linearity
RF amplifier IC. The device is manufactured on an
advanced Gallium Arsenide Heterojunction Bipolar Tran-
sistor (HBT) process, and has been designed for use as
an easily cascadable 75
Ω gain block. The gain flatness of
better than 0.5dB from 5MHz to 1000MHz, and the high
linearity, make this part ideal for cable TV applications.
Other applications include IF and RF amplification in
wireless voice and data communication products operat-
ing in frequency bands up to 2500MHz. The device is
self-contained with 75
Ω input and output impedances,
and requires only two external DC biasing elements to
operate as specified.
• DC to well over 2500MHz Operation
• Internally Matched Input and Output
• 15dB Small Signal Gain
• 3.8dB Noise Figure
• +20dBm Output Power
• Single 5V to 12V Positive Power Supply
RF2312
Linear General Purpose Amplifier
RF2312 PCBA
Fully Assembled Evaluation Board - 75
Ω
RF2312 PCBA
Fully Assembled Evaluation Board - 50
Ω
0
Rev C6 051025
0.248
0.232
0.200
0.192
0.160
0.152
0.018
0.014
0.050
0.059
0.057
0.010
0.004
-A-
0.0100
0.0076
0.0500
0.0164
8° MAX
0° MIN
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are excluding flash, protrusions or burrs.
3. Lead coplanarity: 0.005 with respect to datum "A".
4. Package surface finish: Matte (Charmilles #24~27).
Package Style: SOIC-8
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2312

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
311Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312PCBA RFMD-RF2312PCBA Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312PCK QORVO-RF2312PCK Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results

Similar Description - RF2312

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
CXE-2089Z RFMD-CXE-2089Z Datasheet
646Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com