Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP206BET/TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP206BET/TR
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP206BET/TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP206BET/TR Datasheet HTML 6Page - Sipex Corporation SP206BET/TR Datasheet HTML 7Page - Sipex Corporation SP206BET/TR Datasheet HTML 8Page - Sipex Corporation SP206BET/TR Datasheet HTML 9Page - Sipex Corporation SP206BET/TR Datasheet HTML 10Page - Sipex Corporation SP206BET/TR Datasheet HTML 11Page - Sipex Corporation SP206BET/TR Datasheet HTML 12Page - Sipex Corporation SP206BET/TR Datasheet HTML 13Page - Sipex Corporation SP206BET/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
10
Specification
RS–232D
RS–423A
RS–422
RS–485
RS–562
Mode of Operation
Single–Ended
Single–Ended
Differential
Differential
Single–Ended
No. of Drivers and Receivers
1 Driver
1 Driver
1 Driver
32 Drivers
1 Driver
Allowed on One Line
1 Receiver
10 Receivers
10 Receivers
32 Receivers
1 Receiver
Maximum Cable Length
50 feet
4,000 feet
4,000 feet
4,000 feet
C ≤ 2,500pF @ <20kbps;
C ≤1,000pF @ >20kbps
Maximum Data Rate
20kbps
100kbps
10Mbps
10Mbps
64kbps
Driver output Maximum Voltage
±25V
±6V
–0.25V to +6V
–7V to +12V
–3.7V to +13.2V
Driver Output Signal Level
Loaded
±5V
±3.6V
±2V
±1.5V
±3.7V
Unloaded
±15V
±6V
±5V
±5V
±13.2V
Driver Load Impedance
3 – 7kohm
450 ohm
100 ohm
54 ohm
3–7kohm
Max. Driver Output Current
(High Impedance State)
Power On
±100µA
Power Off
VMAX/300
100µA
±100µA
±100µA
Slew Rate
30V/µs max.
Controls Provided
30V/µs max.
Receiver Input Voltage Range
±15V
±12V
–7V to +7V
–7V to +12V
±15V
Receiver Input Sensitivity
±3V
±200mV
±200mV
±200mV
±3V
Receiver Input Resistance
3–7kohm
4kohm min.
4kohm min.
12kohm min.
3–7kohm
Table 3. EIA Standard Definitions
EIA STANDARDS
The Electronic Industry Association (EIA) de-
veloped several standards of data transmission
which are revised and updated in order to meet
the requirements of the industry. In data pro-
cessing, there are two basic means of communi-
cating between systems and components. The
RS-232 standard was first introduced in 1962
and, since that time, has become an industry
standard.
The RS-232 is a relatively slow data exchange
protocol, with a maximum baud rate of only
20kbaud, which can be transmitted over a maxi-
mum copper wire cable length of 50 feet. The
SP200 through SP213 Series of data communi-
cations interface products have been designed
to meet both the EIA protocol standards, and the
needs of the industry.
±10kV ESD PROTECTION
The SP200 Series is equipped with Sipex-pro-
prietary ESD protection circuitry on all RS-232
inputs and outputs. The SP200 Series has been
characterized using MIL-STD-883C Method
3015.7 Human Body Model. Each device in the
family can withstand up to
±10kV of static
discharge on all RS-232 inputs and outputs. All
other pins of each device will maintain
≥ ±2kV
of ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com