Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6120 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6120 Datasheet HTML 1Page - Sipex Corporation SP6120 Datasheet HTML 2Page - Sipex Corporation SP6120 Datasheet HTML 3Page - Sipex Corporation SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: 3.0V < VCC <5.5V, 3.0V < BST < 13.2, ROSC = 18.7kΩ, CCOMP = 0.1µF, CSS = 0.1µF, ENABLE = 3V,
CGH = CGL = 3.3nF, VFB = 1.25V, ISP = ISN = 1.25V, SWN = GND = PGND = 0V, -40°C < TAMB <85°C (Note 1)
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC .................................................................................... 7V
BST ............................................................................. 13.2V
BST-SWN ......................................................................... 7V
SWN ....................................................................... -1V to 7V
GH .......................................................... -0.3V to BST +0.3V
GH-SWN .......................................................................... 7V
All Other Pins ........................................... -0.3V to V
CC +0.3V
Peak Output Current < 10µs
GH, GL ............................................................................. 2A
Operating Temperature Range
SP6120C ................................................ 0°C to +70°C
SP6120E .............................................. -40°C to +85°C
Junction Temperature, T
J .......................................... +125°C
Storage Temperature Range ....................... -65˚C to +150˚C
Power Dissipation
ESD Rating ............................................................ 2kV HBM
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
M
S
T
I
N
U
T
N
E
R
R
U
C
T
N
E
C
S
E
I
U
Q
V
C
C
t
n
e
r
r
u
C
y
l
p
p
u
Sg
n
i
h
c
t
i
w
S
o
N-
5
9
.
08
.
1A
m
V
C
C
)
d
e
l
b
a
s
i
D
(
t
n
e
r
r
u
C
y
l
p
p
u
SV
0
=
E
L
B
A
N
E-
5
0
2
µA
t
n
e
r
r
u
C
y
l
p
p
u
S
T
S
Bg
n
i
h
c
t
i
w
S
o
N-
1
0
2
µA
R
E
I
F
I
L
P
M
A
R
O
R
R
E
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
i
f
il
p
m
A
r
o
r
r
E
0
0
6
µS
t
n
e
r
r
u
C
k
n
i
S
P
M
O
CV
B
F
o
N
,
V
5
.
0
=
P
M
O
C
,
V
5
3
.
1
=
s
t
l
u
a
F
5
15
35
6
µA
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
CV
B
F
V
6
.
1
=
P
M
O
C
,
V
5
1
.
1
=5
15
35
6
µA
e
c
n
e
d
e
p
m
I
t
u
p
t
u
O
P
M
O
C
3
m
h
O
M
V
B
F
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
-0
60
0
1
A
n
E
C
N
E
R
E
F
E
R
e
c
n
e
r
e
f
e
R
r
e
i
f
il
p
m
A
r
o
r
r
Ey
t
i
n
U
n
i
p
m
A
r
o
r
r
E
h
t
i
w
d
e
m
m
i
r
T
n
i
a
G
8
3
2
.
10
5
2
.
12
6
2
.
1V
V
B
F
r
o
t
a
r
a
p
m
o
C
w
o
L
%
3
|
3
-
|
F
E
R
V
%
V
B
F
r
o
t
a
r
a
p
m
o
C
h
g
i
H
%
3
3
F
E
R
V
%
H
T
A
P
Y
A
L
E
D
&
R
O
T
A
L
L
I
C
S
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
0
7
20
0
30
3
3
z
H
k
2
#
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OR
C
S
O
m
h
O
k
2
.
0
1
=0
5
40
0
50
5
5
z
H
k
o
i
t
a
R
y
t
u
DC
D
%
0
0
1
-
l
o
r
t
n
o
C
n
I
p
o
o
L
e
l
b
i
s
s
o
p
5
9%
R
C
S
O
e
g
a
t
l
o
Vh
t
i
w
s
e
v
o
M
-
y
l
n
O
n
o
i
t
a
m
r
o
f
n
I
m
i
r
T
r
o
t
a
ll
i
c
s
O
5
6
.
0V
h
t
d
i
W
e
s
l
u
P
H
G
m
u
m
i
n
i
MV
C
C
P
M
O
C
p
u
p
m
a
R
,
V
5
.
4
>
s
t
r
a
t
s
H
G
li
t
n
u
V
6
.
0
>
e
g
a
t
l
o
V
g
n
i
h
c
t
i
w
S
0
2
1s
n
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com