Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2642 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2642
Description  3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2642 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2642 Datasheet HTML 1Page - RF Micro Devices RF2642 Datasheet HTML 2Page - RF Micro Devices RF2642 Datasheet HTML 3Page - RF Micro Devices RF2642 Datasheet HTML 4Page - RF Micro Devices RF2642 Datasheet HTML 5Page - RF Micro Devices RF2642 Datasheet HTML 6Page - RF Micro Devices RF2642 Datasheet HTML 7Page - RF Micro Devices RF2642 Datasheet HTML 8Page - RF Micro Devices RF2642 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6-50
RF2642
Rev A8 060925
NOTE: The measured results do not include the losses from the IF balun and SAW filter. On the evaluation board, those
losses are as follows: IF Balun= 1dB, SAW Filter=2.5dB to 3.5dB.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +4.5
VDC
Input RF Power
+3
dBm
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.0V, RFOUT=830MHz,
LO=960MHz@-3dBm, IF=130MHz
RF Output Frequency Range
824 to 849
MHz
IF Frequency Range
130
MHz
Output Power
+5
dBm
CW
High Gain Mode
GAIN SELECT=2.7V, VPD=2.7V
Gain
33
34.5
36
dB
Noise Figure
12
14
dB
IF Input Impedance
250
Ω
Differential @ 130MHz
RF Output VSWR
1.5
2:1
824MHz to 849MHz, external components
required
Current Consumption
52
mA
Adjacent Channel Power
Rejection (ACPR1)
55
61
dBc
POUT=+5dBm, 885kHz offset
Alternate Channel Power
Rejection (ACPR2)
65
78
80
dBc
POUT=+5dBm, 1.98MHz offset
Bypass Mode
GAIN SELECT=0V, VPD=2.7V
Gain
11.9
dB
Noise Figure
11.9
14
dB
IF Input Impedance
250
Ω
Differential @ 130MHz
RF Output VSWR
1.5
2:1
824MHz to 849MHz, external components
required
Output IP3
-4
+5.4
dBm
Current Consumption
26
mA
LO Input
954MHz to 979MHz
LO Frequency Range
954 to 979
MHz
LO Level
-6
-3
0
dBm
LO Input Impedance
50
Ω
LO to Mixer RF Output Leakage
-33
-20
dBm
LO Input VSWR
1.4
2:1
GAIN SELECT=0V
1.7
2:1
GAIN SELECT=2.7V
Power Supply
Voltage
2.7
3.0
3.3
V
Current Consumption
18
mA
VPD=0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com