Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6260 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6260
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6260 Datasheet HTML 1Page - Sipex Corporation SP6260 Datasheet HTML 2Page - Sipex Corporation SP6260 Datasheet HTML 3Page - Sipex Corporation SP6260 Datasheet HTML 4Page - Sipex Corporation SP6260 Datasheet HTML 5Page - Sipex Corporation SP6260 Datasheet HTML 6Page - Sipex Corporation SP6260 Datasheet HTML 7Page - Sipex Corporation SP6260 Datasheet HTML 8Page - Sipex Corporation SP6260 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
Pin Configuration of SP6260 (Top View)
Package
Pinout
(SOT-2-5)
NC
VIN
GND

2


5
CE
VOUT
Pin Description
Pin Number
Pin Name
Function
1
VIN
Input voltage
2
GND
Ground
3
CE
Active high enable input pin. Logic high=enable, logic low=shutdown
4
NC
No connection
5
VOUT
Regulated output voltage
AP2121
Pin Configuration
Package Perspective of SOT2-5
SOT-2-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com