Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6260CEK-L/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6260CEK-L/TR
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260CEK-L/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6260CEK-L/TR Datasheet HTML 9Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 10Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 11Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 12Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 13Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 14Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 15Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 16Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image

Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
APPLICATION INfORmATION
SP6260AEK (1.5V) Line Transient
(Conditions: IOUT=0mA, CIN= F, COUT= F)
Time (0 s/Div)
S
P6260AEK
(.5V)
0
.5
SP6260AEK (.5V) Load Transient
(Conditions: VIN=2.5V, CIN= F, COUT= F)
Time (200 s/Div)
SP6260AEK
(.5V)
0
00
.5
.
SP6260AEK
(.0V)
SP6260EEK (.0V) Line Transient
(Conditions: IOUT=0mA, CIN= F, COUT= F)
SP6260EEK (.0V)
Time (200 s/Div)
SP6260EEK (.0V) Load Transient
(Conditions: VIN=V, CIN= F, COUT= F)
Time (20 s/Div)
-0.05

.5
0

5
0.05
-0.05
6
.6
50
0
200
.0
2.
.
00
2
.5
0
.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com