Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6415ER-L/TR Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6415ER-L/TR
Description  Integrated White LED Driver With Organic LED Display Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6415ER-L/TR Datasheet(HTML) 2 Page - Sipex Corporation

  SP6415ER-L/TR Datasheet HTML 1Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 2Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 3Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 4Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 5Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 6Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 7Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 8Page - Sipex Corporation SP6415ER-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Feb27-07 Rev K
Integrated White LED Driver With Organic LED Display Power Supply
© 2007 Sipex Corporation
Parameter
Package
Die Attach Symbol Maximum
Unit
Thermal Resistance
(Junction to Ambient)
θJA
48
oC / W
Internal Power Dissipation
PD
2
W
50
oC
350
oC
Maximum Junction Temperature
Solder Iron (0 Sec)**
DFN-0
(3x3x0.85)(mm) Conductive Epoxy
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Input Supply Voltage
VIN
2.7 to 5.5
V
Ambient Temperature Range
TA
-40 to +85
Junction Temperature Range
TJ
-40 to +25
oC
Caution: Stress above the listed absolute rating may cause permanent damage to the device.
* HBM A: 0V ~ V
Thermal Information
* MIL-STD-202G 20F
Parameter
Symbol
Maximum
Unit
Input Supply Voltage
VIN
6
EN, FB Voltages
VEN,VFB
VIN
SW Voltage
VSW
30
ESD Classification
V
A*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com