Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP-2G2 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LTP-2G2
Description  PHOTOVOLTAIC MOSFET DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LTP-2G2 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LTP-2G2 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LTP-2G2 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LTP-2G2 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LTP-2G2 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LTP2G2
Rev.A
Letex Technology Corp.
PHOTOVOLTAIC MOSFET DRIVER
Features
•SOP package 4 Pin type in miniature design (4.4×4.3×2.0mm / .173×.169×.083inch)
•High-speed switching
•2500Vrms Input/Output isolation
•Tape & Reel version available
Applications
•MOS FET and IGBT driver
•Power supply (Vcc) for electronic circuits
Outline Dimensions
3
Unit : mm inch
Tolerance: 0.1 .004
1
4
2
1
2
4
3
1. LED Anode
2. LED Cathode
3. Cathode (-)
4. Anode (+)


Similar Part No. - LTP-2G2

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LTP-2G3 LETEX-LTP-2G3 Datasheet
135Kb / 4P
PHOTOVOLTAIC MOSFET DRIVER
Rev.B
More results

Similar Description - LTP-2G2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT222ADM ETC1-CT222ADM Datasheet
23Kb / 2P
Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
Dual Photovoltaic MOSFET Driver Solid State Relay
07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
26-Sep-11
logo
Panasonic Semiconductor
APV1121SJ PANASONIC-APV1121SJ Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
Photovoltaic MOSFET Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K30T AVAGO-ACPL-K30T Datasheet
302Kb / 10P
Automotive Photovoltaic MOSFET Driver
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
29-May-13
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
Dual Photovoltaic MOSFET Driver Solid-State Relay
15-Mar-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com