Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF3159PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3159PCBA-41X
Description  QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3159PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF3159PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4 of 26
RF3159
Rev A0 DS070102
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cellular 850MHz Band
8PSK Mode
Nominal Conditions (unless otherwise stated):
Input and Output=50
Ω, Temp=25 °C,
VCC=3.6V, VMODE=”High”, VBIAS “High”,
Freq=824MHz to 849MHz, 25% Duty Cycle,
Pulse Width=1154
μs, BAND_SEL=“Low”,
TX_EN=“High”
Operating Frequency Range
824
849
MHz
Maximum Output Power
Meeting EVM and
ACPR Spectrum
28.5
dBm
13.5
20.0
dBm
VBIAS=Low
26.0
27.0
dBm
Temp=-20°C to +85°C, VCC=3.2V to 4.5V
Gain, High Power Mode
31.0
34.5
37.0
dB
POUT=Rated POUT
Gain, Low Power Mode
26
31
37
dB
POUT=13.5dBm, VBIAS=Low
EVM RMS
2.5
5.0
%
POUT<Rated POUT
5.0
%
POUT<26.0dBm, VCC=3.2V to 4.5V,
Temp=-20°C to +85°C
ACPR and Spectrum Mask
-56
dBc
At 400kHz in 30kHz BW, POUT<Rated POUT
-63
dBc
At 600kHz in 30kHz BW, POUT<Rated POUT
ACPR and Spectrum Mask,
Extreme Conditions
-56
dBc
At 400kHz in 30kHz RBW. POUT<26dBm,
VCC=3.2V to 4.5V, Temp=-20°C to +85°C.
-63
dBc
At 600kHz in 30kHz RBW. POUT<26dBm,
VCC=3.2V to 4.5V, Temp=-20°C to +85°C.
Output Noise Power
-82
-80
dBm
RBW=100kHz, 869MHz to 894MHz,
f0=849MHz, POUT<Rated POUT
2f0 Harmonics
-15
-7
dBm
POUT<Rated POUT
3f0 Harmonics
-25
-10
dBm
POUT<Rated POUT
Fundamental Cross Band Coupling
-6
dBm
Measured at HB_RFOUT pin,
POUT<Rated POUT at LB_RFOUT pin.
2f0, 3f0 Cross Band Coupling
-24
dBm
Measured at HB_RFOUT pin,
Rated POUT at LB_RFOUT pin.
All Other Non-harmonic Spurious
-36
dBm
POUT<Rated POUT
Input VSWR
2.5:1
POUT<Rated POUT
Output Load VSWR Stability
5:1
Spurious<-36dBm, POUT<Rated POUT into
50
Ω load, RBW=3MHz
Note: Rated POUT=28.5dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com