Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISG2101 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISG2101
Description  NPT IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2101 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISG2101 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2101 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2101 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISG2101
eq FGL60N100
NPT IGBT
www.iscsemi.com
2
STATIC CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0, IC= 0.25mA
1000
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE, IC=60mA
4.0
--
7.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10A, VCE= 15V
--
--
2.0
V
IC= 60A, VCE= 15V
--
--
2.9
V
ICES
Zero Gate Voltage Collector Current
VCE= 1000V, VGE=0
--
--
1
mA
IGES
Gate-Emitter Leakage Current
VGE=±25V, VCE=0
--
--
±
500
nA
VF
Diode Forward Voltage
IF=15A
--
--
1.7
V
IF=60A
--
--
2.1
V
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com