Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6652ER-L/TR Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6652ER-L/TR
Description  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652ER-L/TR Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6652ER-L/TR Datasheet HTML 8Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 9Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 10Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 11Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 12Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 13Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 14Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 15Page - Sipex Corporation SP6652ER-L/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
6
May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
Ordering Information
Part Number
MSL Level
RoHS
Min
Temp
Max Temp
Package
Pack Type
Quantity
SP6652ER-L
L1 @ 260ºC
Yes
-40
85
DFN10
Canister
Any
SP6652ER-L/TR
L1 @ 260ºC
Yes
0
70
DFN10
Tape & Reel
3000
SP6652EU-L/TR
L1 @ 260ºC
Yes
0
70
MSOP10
Tape & Reel
2500
SP6652EU-L
L1 @ 260ºC
Yes
0
70
MSOP10
TUBE
50
SP6652ER
L1 @ 240ºC
No
-40
85
DFN10
Canister
Any
SP6652ER/TR
L1 @ 240ºC
No
-40
85
DFN10
Tape & Reel
3000
SP6652EU
L1 @ 240ºC
No
0
70
MSOP10
TUBE
50
SP6652EU-ES
L1 @ 240ºC
No
0
70
MSOP10
TUBE
50
SP6652EU/TR
L1 @ 240ºC
No
0
70
MSOP10
Tape & Reel
2500
Evaluation Boards
SP6652EB
Not Applicable to
Board
No
0
70
Board
Not Available in
Bulk
SP6652LEDEB
Not Applicable to
Board
No
0
70
Board
Not Available in
Bulk
Note: The SP6652EB is for regular SP6652 users, the SP652LEDEB is for LED driver users.
For latest information on ordering status, go to the Sipex Web Landing Page for this product
http://www.sipex.com/productDetails.aspx?part=SP6652&keyword=sp6652
Solved by
TM
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not
assume any liability arising out of the application or use of any product or circuit described herein; neither
does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com