Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3M34TL139T2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # A3M34TL139T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A3M34TL139T2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button A3M34TL139T2 Datasheet HTML 3Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 4Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 5Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 6Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 7Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 8Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 9Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 10Page - NXP Semiconductors A3M34TL139T2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NXP Semiconductors
A3M34TL139
Airfast Power Amplifier Module
Rev. 1 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
7 / 18
A3M34TL139
E 2024 NXP B.V. All rights reserved.
9.4 Typical performance
Table 11. Typical Performance (1)
(In NXP Doherty Power Amplifier Module Reference Circuit, TA = 25°C unless otherwise noted, 50 ohm system) VDD = 27 Vdc,
IDQ1A = 23 mA, IDQ2A = 76 mA, VGSP1 = 1.30 Vdc, VGSP2 = 1.15 Vdc, Pout = 7 W Avg., 3440 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
VBW Resonance Point, 2−tone, 1 MHz Tone Spacing
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
300
—
MHz
Quiescent Current Accuracy over Temperature (2)
with 2.2 kΩ Gate Feed Resistors (–40°C to +105°C) Stage 1
with 2.2 kΩ Gate Feed Resistors (–40°C to +105°C) Stage 2
ΔIQT
—
—
4.6
4.3
—
—
%
1−carrier 20 MHz LTE, 8 dB Input Signal PAR
Gain
G
—
27.7
—
dB
Power Added Efficiency
PAE
—
39.8
—
%
Adjacent Channel Power Ratio
ACPR
—
–28.2
—
dBc
Adjacent Channel Power Ratio
ALT1
—
–39.4
—
dBc
Adjacent Channel Power Ratio
ALT2
—
–48.4
—
dBc
Gain Flatness (3)
GF
—
0.5
—
dB
Fast CW, 27 ms Sweep
Pout @ 3 dB Compression Point
P3dB
—
47.4
—
dBm
AM/PM @ P3dB
Φ
—
–31
—
°
Gain Variation @ Avg. Power over Temperature
(–40°C to +105°C)
ΔG
—
0.028
—
dB/°C
P3dB Variation over Temperature
(–40°C to +105°C)
P3dB
—
0.007
—
dB/°C
10 Ordering information
Table 12. Ordering Information
Device
Tape and Reel Information
Package
A3M34TL139T2
T2 Suffix = 2,000 Units, 24 mm Tape Width, 13−inch Reel
10 mm × 6 mm Module
1. All data measured in fixture with device soldered in NXP reference circuit.
2. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family. Go to http://www.nxp.com/RF and search for AN1977 or AN1987.
3. Gain flatness = Max(G(fLow to fHigh)) – Min(G(fLow to fHigh))
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com