Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP7612AEC6/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7612AEC6/TR
Description  2-4 Channel Low Dropout Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7612AEC6/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7612AEC6/TR Datasheet HTML 6Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 7Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 8Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 9Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 10Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 11Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 12Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 13Page - Sipex Corporation SP7612AEC6/TR Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Apr20-07 RevS
SP7611A/7612A/7614A Low Dropout Linear LED driver
2007 Sipex Corporation
Page 14
ORDERING INFORMATION
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA95035
tel: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product
or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Part Number
Temperature
Range
Package
RoHS
Pack Type
Pack
Quantity
Status
SP7611AEC6-L
-40°C to +85°C
6 Pin SC70
Yes
Canister
Any
Active
SP7611AEC6-L/TR
-40°C to +85°C
6 Pin SC70
Yes
Tape & Reel
3000
Active
SP7611AER6-L
-40°C to +85°C
6 Pin 2x2 TDFN
Yes
Canister
Any
Active
SP7611AER6-L/TR
-40°C to +85°C
6 Pin 2x2 TDFN
Yes
Tape & Reel
3000
Active
SP7612AEC6-L
-40°C to +85°C
6 Pin SC70
Yes
Canister
Any
Active
SP7612AEC6-L/TR
-40°C to +85°C
6 Pin SC70
Yes
Tape & Reel
3000
Active
SP7612AER6-L
-40°C to +85°C
6 Pin 2x2 TDFN
Yes
Canister
Any
Active
SP7612AER6-L/TR
-40°C to +85°C
6 Pin 2x2 TDFN
Yes
Tape & Reel
3000
Active
SP7614AEC6-L
-40°C to +85°C
6 Pin SC70
Yes
Canister
Any
Active
SP7614AEC6-L/TR
-40°C to +85°C
6 Pin SC70
Yes
Tape & Reel
3000
Active
SP7614AER6-L
-40°C to +85°C
6 Pin 2x2 TDFN
Yes
Canister
Any
Active
SP7614AER6-L/TR
-40°C to +85°C
6 Pin 2x2 TDFN
Yes
Tape & Reel
3000
Active
SP7611AEC6
-40°C to +85°C
6 Pin SC70
No
Canister
Any
EOL
SP7611AEC6/TR
-40°C to +85°C
6 Pin SC70
No
Tape & Reel
3000
EOL
SP7612AEC6
-40°C to +85°C
6 Pin SC70
No
Canister
Any
EOL
SP7612AEC6/TR
-40°C to +85°C
6 Pin SC70
No
Tape & Reel
3000
EOL
SP7614AEC6
-40°C to +85°C
6 Pin SC70
No
Canister
Any
EOL
SP7614AEC6/TR
-40°C to +85°C
6 Pin SC70
No
Tape & Reel
3000
EOL
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com