Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9034 Datasheet(PDF) 5 Page - EPCOS

Part # B9034
Description  SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9034 Datasheet(HTML) 5 Page - EPCOS

  B9034 Datasheet HTML 1Page - EPCOS B9034 Datasheet HTML 2Page - EPCOS B9034 Datasheet HTML 3Page - EPCOS B9034 Datasheet HTML 4Page - EPCOS B9034 Datasheet HTML 5Page - EPCOS B9034 Datasheet HTML 6Page - EPCOS B9034 Datasheet HTML 7Page - EPCOS B9034 Datasheet HTML 8Page - EPCOS B9034 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Nov 29, 2005
B9034
1960.0 MHz
Important notes
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics without matching elements
Operating temperature range:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
B9034
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1960.0
—
MHz
Maximum insertion attenuation
α
max
1930.6
... 1989.4
MHz
—
2.8
4.3 1)
1) 4.0 dB max. for 0 ˚C to 85 ˚C (with pcb losses deembedded)
dB
Amplitude ripple (p-p)
∆α
1930.6
... 1989.4
MHz
—
1.3
2.8
dB
Input return loss
1930.6
... 1989.4
MHz
—9—
dB
Output return loss
1930.6
... 1989.4
MHz
—8—
dB
Attenuation
α
DC
... 1850.6
MHz
40
49
—
dB
1850.6
... 1909.4
MHz
46
49
—
dB
2040.0
... 2070.0
MHz
35
48
—
dB
2070.0
... 4500.0
MHz
35
46
—
dB
4500.0
... 5200.0
MHz
28
35
—
dB
5200.0
... 6000.0
MHz
18
24
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com