Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA-50-36-R1/4-PSI-E-RG Datasheet(PDF) 1 Page - Festo Corporation.

Part # MA-50-36-R1/4-PSI-E-RG
Description  Pressure gauge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MA-50-36-R1/4-PSI-E-RG Datasheet(HTML) 1 Page - Festo Corporation.

  MA-50-36-R1/4-PSI-E-RG Datasheet HTML 1Page - Festo Corporation. MA-50-36-R1/4-PSI-E-RG Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure gauge
MA-50-36-R1/4-PSI-E-RG
Part number: 526788
General operating condition
Data sheet
Feature
Value
Display range
0 psi ... 36 psi
Symbol
00991463
Conforms to standard
EN 837-1
Pressure gauge nominal size
50
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Structural design
Bourdon tube pressure gauge
Type of mounting
Line installation
Operating medium
Inert gas
Neutral liquids
Operating pressure
0 MPa ... 0.25 MPa
Operating pressure
0 bar ... 2.5 bar
Operating pressure
0 psi ... 36.25 psi
Intermittent load factor
0.66
Measurement accuracy class
2.5
Degree of protection
IP43
Temperature of medium
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 60 °C
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Note on materials
RoHS-compliant
Connection position
Centered on rear side
Pneumatic connection
R1/4
Materials in contact with the media
Brass
Material of screwed plug
Brass
Housing material
ABS
Inspection window material
PMMA
Housing colour
Black
Product weight
75 g
7/15/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - MA-50-36-R1/4-PSI-E-RG

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MA-50-1-G1/4-MPA FESTO-MA-50-1-G1/4-MPA Datasheet
101Kb / 2P
Pressure gauge
MA-50-10-1/4 FESTO-MA-50-10-1/4 Datasheet
120Kb / 2P
Pressure gauge
MA-50-10-1/4-EN FESTO-MA-50-10-1/4-EN Datasheet
120Kb / 2P
Pressure gauge
MA-50-10-R1/4-E-RG FESTO-MA-50-10-R1/4-E-RG Datasheet
118Kb / 2P
Pressure gauge
MA-50-145-R1/4-PSI-E-RG FESTO-MA-50-145-R1/4-PSI-E-RG Datasheet
115Kb / 2P
Pressure gauge
More results

Similar Description - MA-50-36-R1/4-PSI-E-RG

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com