Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8027CG Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8027CG
Description  High Speed, Constant Bandwidth Differential APC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8027CG Datasheet(HTML) 1 Page - Sipex Corporation

  SP8027CG Datasheet HTML 1Page - Sipex Corporation SP8027CG Datasheet HTML 2Page - Sipex Corporation SP8027CG Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADVANCED
SP8027
Rev 0.0 11/22/04. SP8027 High Speed Differential APC Amplifier
Copyright 2004 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-408-934-7500.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 3
1
2
3
4
8
7
6
5
VCC
GAIN
VBG
GND
SP8027
8-Pin
OPLGA
VOUT+
VOUT-
VG2
VG1
FEATURES
•
Dual wavelength 650 and 780nm
•
150 MHz Bandwidth over all gains
•
400 V/µs Slew Rate
•
5 ns Setting Time
•
10 mV Differential Output Offset Voltage
•
Potentiometer, Voltage or DAC programmable gain
•
± 6 dB External Gain Adjust
•
Small 8-pin OPLGA package
APPLICATION
•
CD-R, and CD-RW
• DVD+/-R, DVD+/-RW, and DVD-RAM
GENERAL DESCRIPTION
The SP8027 represents the next generation in Automatic Power Control (APC) amplifiers designed
specifically for demanding pick-up head applications.
Whereas typical APC products exhibit
degradation of bandwidth and slower settling times at higher gain levels, the SP8027 features
constant bandwidth (150MHz) and fast settling times (5ns) across the entire gain adjust range.
With its integrated photo detector, the SP8027 monitors light intensity of the laser diode in CD-R,
CD-RW, DVD+/-R, DVD+/-RW, and DVD-RAM assemblies and converts this light to an output
voltage. The magnitude of this voltage signal corresponds to the laser power intensity and is
subsequently fed back to the laser diode driver to control the laser output power.
The SP8027 on-chip photo detector transforms incident laser light into a proportional current, which
is then converted to a voltage through a trans-impedance amplifier. The SP8027 achieves an
unparalleled level of performance by combining excellent DC stability and low noise with
outstanding AC performance.
The SP8027 is offered with a nominal sensitivity 3600 V/W and is packaged in a 3.0 x 3.5 mm, 8-
lead OPLGA package.
High Speed, Constant Bandwidth
Differential APC Amplifier


Similar Part No. - SP8027CG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8024 SIPEX-SP8024 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP8025 SIPEX-SP8025 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP8026 SIPEX-SP8026 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP802L SIPEX-SP802L Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP802LCN SIPEX-SP802LCN Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP8027CG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
logo
Sipex Corporation
SP8126B SIPEX-SP8126B Datasheet
91Kb / 8P
High Speed Differential APC Amplifier
SP8127 SIPEX-SP8127 Datasheet
125Kb / 5P
High Speed Differential APC Amplifier
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
SP8130 SIPEX-SP8130 Datasheet
269Kb / 5P
High Speed Differential APC Amplifier
logo
Analog Devices
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
High Speed Differential Amplifier Evaluation Board
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com