Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF5152PCBA-41X Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5152PCBA-41X
Description  3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5152PCBA-41X Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5152PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF5152PCBA-41X Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF5152
Rev A10 DS061221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - IEEE802.11b/g
J1
RF IN
C13
1000 pF
C5
330 pF
R2
56
Ω
R3
100
Ω
VREG1/2
VREG3
PDETECT
L5
22 nH
C6
1 nF
C9
1 nF
J2
RF OUT
C12
10 pF
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
Notes:
1. Populate to tie VREG1/2 and VREG3 together for one power supply.
* All measurements are edge to edge from the IC.
Components labeled with a “
*” may not be needed on the eval board.
VCC
C3
1000 pF
C10
2.0 pF
L4
10 nH
P2
1
2
3
4
HDR_1x4
GND
P2-1
PDETECT
P2-4
VREG1/2
P2-3
VREG3
5152400 r-
140 mils
C4
1
μF
GND
P4
1
BANANA JACK
P3
1
BANANA JACK
P3-1
VCC
VCC
VCC
1
2
P1
HDR_1X2
GND
P1-1
VCC
207 mils from C10
C11
0.7 pF
L6
6.8 nH Coilcraft
R1
27
Above and 802.11g
0
BT, 802.11 b
R1
Application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com