Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8058DG Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8058DG
Description  High Speed 10-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8058DG Datasheet(HTML) 3 Page - Sipex Corporation

  SP8058DG Datasheet HTML 1Page - Sipex Corporation SP8058DG Datasheet HTML 2Page - Sipex Corporation SP8058DG Datasheet HTML 3Page - Sipex Corporation SP8058DG Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SP8058
Rev 0.3 (9-22-05)
SP8058 – High Speed 10 Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
3 of 4
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vs
Reference voltage. Bypass to GND with ceramic capacitor 0.1uF
2
Gain 2
Logic input of Gain Controller. Allows three states – low, high, and floating - Z
3
Gain 1
Logic input of Gain Controller. Allows two states – low and high
4
Gain 3
Logic input of Gain Controller. Allows three states – low, high and floating - Z
5
EF
Output of EF channel (sum of E + F sensor signals). In Adjustment mode it is output
of E channel
6
SAD
Output of SAD channel. In Adjustment mode it is output of F channel
7
GH
Output of GH channel (sum of G + H sensor signals). In Adjustment mode it is output
of G channel
8
SBC
Output of SBC channel. In Adjustment mode it is output of H channel
9
GND
Ground pin
10
A
Output of A channel
11
D
Output of D channel
12
B
Output of B channel
13
C
Output of C channel
14
RF-
Output of RF- channel. RF- = - (A + B +C + D + EF + GH). In Adjustment mode RF-
= - (A + B + C + D + E + F + G + H)
15
RF+
Output of RF+ channel. RF+ = A + B + C + D + EF + GH. In Adjustment mode RF+ =
A + B + C + D + E + F + G + H
16
Vcc
Supply voltage. Bypass to GND with ceramic capacitor 0.1uF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com