Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8064 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8064
Description  High Speed 10-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8064 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8064 Datasheet HTML 1Page - Sipex Corporation SP8064 Datasheet HTML 2Page - Sipex Corporation SP8064 Datasheet HTML 3Page - Sipex Corporation SP8064 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
SP8064
Rev 0.He (09-26-05)
SP8064 Ten-Channel Photo detector IC
Copyright 2005 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-408-934-7500.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
D
Vcc
RF+
RF-
GND
B
C
E
G
Vref
C/D
H/L
R/W
F
H
SP8064
16-Pin
FLGA
FEATURES
Dual wavelength 650nm and 780nm
Data channel bandwidth 120 MHz (-3dB)
Nine selectable gain settings
Group delay error less than 0.5ns up to 72MHz
6ns settling time
16-pin Molded FLGA package
APPLICATION
x16 DVD +R Read and Write
x12 DVD +RW Read and Write
x4 DVD Dual layer write
X48 CD Read
X48 CD-R Write
GENERAL DESCRIPTION
The SP8064 is a ten-channel photo detector IC (PDIC) designed for DVD and CD
applications operating at wavelengths of 650 and 780 nm. The device contains three photo
diode (sensor) arrays, one of them with four identical sensors A – D and the other two with
two sensors (E, F and G, H respectively). The ten channels consist of four high speed
channels (A, B, C, and D), four slow channels (E, F, G, and H), and two RF channel with
balanced differential outputs (RF+ and RF-). Channels A through D are high bandwidth data
channels, while E through H are used to generate tracking information. The RF channels
output the sum of A + B + C + D channels with identical weights given to all channels.
Three Gain select inputs (R/W, H/L, C/D) allow setting of eight gain modes and a Power
Down mode with low power consumption if H/L and C/D inputs are left floating or driven to
Hi-Z and low logic levels respectively.
The SP8064 is manufactured with an advanced 10GHz BICMOS technology.
High Speed 10-channel Photo Detector IC


Similar Part No. - SP8064

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062DG SIPEX-SP8062DG Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
SP8067DG SIPEX-SP8067DG Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
More results

Similar Description - SP8064

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com