Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX385AM-5-0/TR Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX385AM-5-0/TR
Description  5V Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX385AM-5-0/TR Datasheet(HTML) 2 Page - Sipex Corporation

  SPX385AM-5-0/TR Datasheet HTML 1Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 2Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 3Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 4Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 5Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 6Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 7Page - Sipex Corporation SPX385AM-5-0/TR Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Date: 2/11/06
SPX385-5.0 Micropower Voltage Reference
© Copyright 2005 Sipex Corporation
2
PARAMETER
MIN.
TYP.
MAX
UNIT
CONDITIONS
Reference Voltage
4.90
5.00
5.10
♦
V
2%
4.95
5.00
5.05
1%
Dynamic Output
0.6
1.0
♦
Ω
F = 20Hz
Impedance
♦
I
R = 100µA
Reference Voltage
10
20
♦
mV
20µA ≤ I
R ≤ 20mA
Change with I
R.
Temperature Coefficient
30
50
♦
ppm/°C
Note 1
Minimum Operating Current
30
50
♦
µA
Output Wideband Noise
120
♦
µVrms
10Hz ≤ f ≤ 10kHz
Long Term Stability
60
♦
ppm
T=1000Hr;
T
A = 25°C ±0.1°C
Operating Temperature
-40
+85
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Reverse Current (I
KA) ............................................................. 30mA
Forward Current (I
AK) ............................................................. 10mA
Operating Temperature Range (T
A) ............................ -40 to +85°C
Junction Temperature (T
J) ..................................................... 150°C
Storage Temperature (T
STG) ....................................... - 65 to 150°C
Lead Temperature (Soldering 10 sec.), T
L ............................. 300°C
I
IN = 100µA, TA = 25°C, unless otherwise specified. The ♦ denotes the specifications which apply over the full operating
temperature range.
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
∆T
∆VKA
0
15
30
45
60
75
90
105
-10
0.5
5000
0
0
0
0.07 mV/
°C
0.003 %/
°C
27 ppm/
°C
TC in mV/
°C=
TC in % /
°C=
∆VKA(mV)
∆T
A
∆T
A
∆VKA at 25°C
∆VKA
x 100
(
)
TC in ppm/
°C=
∆T
A
∆VKA at 25°C
∆VKA
x106
(
)
ppm
%
mV
Junction Temperature (
°C)
Figure 2. V
KA vs. Temperature
Note 1. Three-point measurement guarantees the error band over the specified temperature range.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com