Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX431CM5/TR Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX431CM5/TR
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431CM5/TR Datasheet(HTML) 5 Page - Sipex Corporation

  SPX431CM5/TR Datasheet HTML 1Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 2Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 3Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 4Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 5Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 6Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 7Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 8Page - Sipex Corporation SPX431CM5/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
TyPICAL PERFORmANCE ChARACTERISTICS (continued)
-60
-30
0
30
60
90
120
0.150
0.125
0.100
0.075
0.050
0.025
0.0
TA Free Air Temperature
VKA = VREF
IK = 1 to 100mA
f≤1kHz
Low Frequency Dynamic Output Impedance vs.
Tambient
10
100
1K
10K
100K
1M
10M
START 10.000Hz
STOP 50 000 000.000Hz
REF LEVEL
60.000dB
0.0deg
/DIV
10.000dB
45.000deg
MARKER 19 422
MAG (A/R)
MARKER 19 422
PHASE (A/R)
611.000Hz
-0.125dB
611.000Hz
46.717deg
PHASE
GAIN
60dB
50dB
40dB
30dB
20dB
10dB
0dB
-10dB
-20dB
-30dB
-40dB
215
°
180
°
135
°
90
°
45
°
0
°
-45
°
-90
°
-135
°
-180
°
-215
°
Small Signal Gain and Phase vs. Frequency; Ik =
0mA, Ta = 25°C
IK
VIN
9µF
15kΩ
8.25kΩ
VOUT
GND
230Ω
Test Circuit for Gain and Phase Frequency Re-
sponse
Fz = 100kHz, Ik = 0mA, Ta = 25°C
VOUT
VIN
Test Circuit for Pulse Response
Stability Boundry Conditions
IK
VOUT
GND
250Ω
50Ω
VIN
fp = 100kHz
100
101
102
103
104
105
106
107
100
90
80
70
60
50
40
30
20
10
0
CL Load Capacitance (pF)
A: VKA = VREF
B: VKA= 5V at IK=10mA
C: VKA=10V at IK=10mA
D: VKA=15V at IK=10mA
C
D
B
A
STABLE
STABLE
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com