Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX431CM1/TR Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX431CM1/TR
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431CM1/TR Datasheet(HTML) 1 Page - Sipex Corporation

  SPX431CM1/TR Datasheet HTML 1Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 2Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 3Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 4Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 5Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 6Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 7Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 8Page - Sipex Corporation SPX431CM1/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image

Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
Precision Adjustable Shunt Regulator
The SPX43 is a three-terminal adjustable shunt voltage regulator providing a highly accurate
bandgap reference. The SPX431 acts as an open-loop error amplifier with a 2.5V temperature
compensation reference. The SPX431 has thermal stability, wide operating current of 150mA
and broad temperature range of 0°C to 150°C, making it suitable for a variety of applications
which require a low-cost, high performance solution. SPX431A tolerance of 0.5% is proven
to be sufficient to overcome all other errors in the system to virtually eliminate the need for
trimming in the power supply manufacturer's assembly line and contribute a significant cost
savings. The output voltage may be adjusted to any value between VREF and 36 volts with
two external resistors. The SPX431 is available in SOIC-8, SOT-23-3, SOT-23-5, SOT89,
and TO-92 packages.
SPX431A,B,C
FEATURES
• Trimmed Bandgap: 0.5%, 1% and 2%
• Wide Operating Current: 1mA to 150mA
• Extended Temperature Range:
0°C to 105°C
• Low Temperature Coefficient: 30 ppm/°C
• Improved Replacement in Performance
for TL43
• Low Cost Solution
• Available in Lead Free, RoHS compliant
packaging: SOIC, SOT-89, SOT-23-3,
SOT-23-5, and TO-92
APPLICATIONS
• Battery Operated Equipment
• Adjustable Supplies
• Switching Power Supplies
• Error Amplifiers
• Single Supply Amplifier
• Monitors/VCRs/TVs
• Personal Computers
DESCRIPTION
Anode (A)
Cathode (K)
2.5V
Reference
(R)
+
-
TyPICAL APPLICATIONS CIRCUIT


Similar Part No. - SPX431CM1/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX431CM1 SIPEX-SPX431CM1 Datasheet
159Kb / 9P
Precision Adjustable Shunt Regulator
More results

Similar Description - SPX431CM1/TR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com