Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDR63CTM Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR63CTM
Description  40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR63CTM Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR63CTM Datasheet HTML 1Page - Solid States Devices, Inc SDR63CTM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR62 __ __ __ __ __
+ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
¦
+ Leg Bend Option
(See Figure 1)
¦
¦
¦
¦
¦
¦
¦
+
Package M = TO-254, Z = TO-254Z
¦
¦
¦
¦
¦
¦
¦
¦
+
Configuration CT = Common Cathode,
CA = Common Anode, D = Doubler,
DR = Doubler Reverse
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Voltage 3 = 300V, 4 = 400V, 5 = 500V, 6 = 600V
SDR623CTM & Z
Thru
SDR626DRM & Z
40A 35nsec 300-600 V
Hyper Fast Centertap Rectifier
Features:
Hyper Fast Recovery: 35nsec Maximum
3/
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Package
Gold Eutectic Die Attach
Ultrasonic Aluminum Wire Bonds
Available in Common Anode, Common Cathode,
Doubler, and Doubler Reverse Configurations
Ceramic Seal for Improved Hermeticity Available
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR623__M & Z
SDR624__M & Z
SDR625__M & Z
SDR626__M & Z
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
4/
Io
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
5/
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
1.0
2.0
ºC/W
-
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp.
4/ Both Legs Tied Together.
5/ Per Leg.
-
TO-254 (M)
-
TO-254Z (Z)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0049C
DOC


Similar Part No. - SDR63CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR63CTJ SSDI-SDR63CTJ Datasheet
61Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results

Similar Description - SDR63CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR4006HF SSDI-SDR4006HF Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTJ SSDI-SDR623CTJ Datasheet
61Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-3 SSDI-SDR623CT-3 Datasheet
55Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-CA SSDI-SDR623CT-CA Datasheet
61Kb / 2P
40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier
SDR9103CTNA SSDI-SDR9103CTNA Datasheet
235Kb / 2P
100AMP 300-500VOLTS 35nsec HYPER FAST CENTERTAP RECTIFIER 40MIL PINS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com