Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX2941T5/TR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2941T5/TR
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941T5/TR Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX2941T5/TR Datasheet HTML 2Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 3Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 4Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 5Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 6Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 7Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 8Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 9Page - Sipex Corporation SPX2941T5/TR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
PACKAGe: 5 PIN TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com