Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALPV150R Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ALPV150R
Description  ADDERLink LPV150 Line powered video distribution up to 150 meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALPV150R Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ALPV150R Datasheet HTML 1Page - Infinite Electronics International, Inc. ALPV150R Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDER CORPORATION
350R Merrimac St.
Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
8 Burn Road
#04-10 Trivex, Singapore 369977
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
ADDER TECHNOLOGY
Saxon Way, Bar Hill,
Cambridge, CB23 8SL UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
© Copyright 2012 Adder Technology Ltd.All brand names and trademarks are the property of their respective owners. LMalpv150_v7.indd
RELATED PRODUCTS
Adder offer a vast range of products
to suit your needs. Other products you
may be interested in include:
ADDERLink AV200R
Dual output receiver
ADDERLink AV200T
Transmitter
ADDERLink AV201R
Dual output receiver
with Deskew
ADDERLink AV100T
Transmitter
ADDERLink AV100R
Receiver, no skew
TECHNICAL SPECIFICATIONS
Video Resolutions
Up to 1080p HD video resolution
including 1080i & 720p
Extension distance
Up to 150m at 1080p (1920x1080
resolution)
O/S Compatibility
Operating system independent
Connectors (local / remote):
Local end: VGA, USB (for power) RJ45
Remote end: VGA
Physical
Transmitter: High impact injection
moulding: 45mm (w), 63 mm (l), 21mm (d)
- excluding cables.
Receiver: High impact injection
moulding: 45mm (w), 63 mm (l), 21mm (d)
- excluding cables.
Power
Local interface powered, via USB.
Operating temperature
0 to 40ºC / 32 to 104ºF
Approvals
CE, FCC
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions. Adder’s advanced range
of KVM switches, extenders and IP
solutions enable the control of local,
remote and global IT systems across
the enterprise.Adder’s Digital Signage
solutions provide the simplicity of on
time installations within the budget and
offers a no-nonsense straightforward
approach to system configuration.The
AV Series is ideal for use in variety of
multimedia venues.
The company distributes its products
in more than 60 countries through a
network of distributors, resellers and
OEMs.Adder has offices in the United
States, United Kingdom, Germany,
the Netherlands, Sweden, China and
Singapore.
To find out more, visit:
http://www.adder.com
ADDERLink LPV150
Line powered video distribution up to 150 meters
ALPV150 Remote unit (receiver at screen)
ORDERING INFORMATION
ALPV150P: LPV150 Pair
ALPV150R: LPV150 Remote
ALPV150T: LPV150 Transmitter
ADDITIONAL ACCESSORIES
PSU-LPV-KIT: External poer adapter and USB adapter cable kit
Kit containing:
PSU-IEC-5VDC-2.5A: 5 V DC power supply
CAB-USB-DC-JACK: USB A socket to DC jack 25cm
This power kit is only required if the host computer or other
device with a USB port cannot provide sufficient power.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com