Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFSC5G26F38T2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # AFSC5G26F38T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G26F38T2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button AFSC5G26F38T2 Datasheet HTML 10Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 11Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 12Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 13Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 14Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 15Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 16Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 17Page - NXP Semiconductors AFSC5G26F38T2 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
NXP Semiconductors
AFSC5G26F38
Airfast Power Amplifier Module
Rev. 3 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 / 18
AFSC5G26F38
E 2024 NXP B.V. All rights reserved.
14 Product documentation and tools
Refer to the following resources to aid your design process.
Application Notes
• AN1977: Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family
• AN1987: Quiescent Current Control for the RF Integrated Circuit Device Family
Development Tools
• Printed Circuit Boards
15 Failure analysis
At this time, because of the physical characteristics of the part, failure analysis is limited to electrical signature analysis.
In cases where NXP is contractually obligated to perform failure analysis (FA) services, full FA may be performed by third
party vendors with moderate success. For updates contact your local NXP Sales Office.
16 Revision history
The following table summarizes revisions to this document.
Table 14. Revision History
Document ID
Release Date
Description
AFSC5G26F38 Rev. 3
14 June 2024
• Tables 8 and 9, Functional Tests, 2496 MHz and 2690 MHz: updated output power
test condition, p. 6
AFSC5G26F38 Rev. 2
30 September 2020
• General updates made to align data sheet to current standard
AFSC5G26F38 Rev. 1
4 September 2020
• Functional test tables, 2496 and 2690 MHz: Min, Typ and Max values updated to
reflect recent production test results of the device, p. 6
• Table 8, Test Circuit Component Designations and Values: updated R5, R6, R7, R8
part number ERJ−1GEJ222C (discontinued) to ERJ−1GNJ222C (replacement
component), p. 7
AFSC5G26F38 Rev. 0
12 March 2020
• Initial release of product data sheet
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com