Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFSC5G35E38T2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFSC5G35E38T2
Description  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35E38T2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFSC5G35E38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 9Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 10Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 11Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NXP Semiconductors
AFSC5G35E38
Airfast Power Amplifier Module
Rev. 2 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
8 / 18
AFSC5G35E38
E 2024 NXP B.V. All rights reserved.
11 Component layout and parts list
11.1 Component layout
N.C.
VDP
RFIN
VGP2
VGP1
VGC1
VGC2
RFOUT
VDC
N.C.
R1
B1
C3
C6
C15
C16
C17
B2
C13
R4
R5
R6
R7
R8
C10
C14
C1
C4
D98121
Rev. 3.0
aaa−030694
Q1
Figure 2. AFSC5G35E38 Reference Circuit Component Layout
11.2 Component designations and values
Table 13. AFSC5G35E38 Reference Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1, B2
30 Ω Ferrite Bead
BLM15PD300SN1
Murata
C1, C14
10 μF Chip Capacitor
CL31A106KBHNNNE
Samsung
C3, C4, C10, C13
1 μF Chip Capacitor
06035D105KAT2A
AVX
C6, C15, C16, C17
0.1 μF Chip Capacitor
GRM155R61H104KE14
Murata
Q1
Power Amplifier Module
AFSC5G35E38
NXP
R1, R4
5.1 Ω, 1/10 W Chip Resistor
ERJ-2GEJ5R1X
Panasonic
R5, R6, R7, R8
2.2 kΩ, 1/20 W Chip Resistor
ERJ-1GNJ222C
Panasonic
PCB
Rogers RO4350B, 0.020″, εr = 3.66
D98121
MTL
Note: Component numbers C2, C5, C7, C8, C9, C11, C12, R2 and R3 are intentionally omitted.
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com